Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN8049 Datasheet (PDF) - Panasonic Semiconductor

AN8049 Datasheet PDF - Panasonic Semiconductor
Part # AN8049
Download  AN8049 Download
File Size   194.14 Kbytes
Page   28 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC

AN8049 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN8049 Datasheet PDF - Panasonic Semiconductor

Part # AN8049
Download  AN8049 Click to download

File Size   194.14 Kbytes
Page   28 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC

AN8049 Datasheet (HTML) - Panasonic Semiconductor


AN8049 Product details

■Overview

The AN8049SH is a three-channel PWM DC-DC converter control IC that features low-voltage operation.

This IC can form a power supply that provides two step up outputs and one step-down or polarity inverted output  with a minimal number of external components. The AN8049SH features the ability to operate from a supply voltage as low as 1.8 V, and thus can be operated from two dry-batteries.



■Features

•Wide operating supply voltage range: 1.8 V to 14 V

•High-precision reference voltage circuit

  —VREFpin voltage: ±1%

  — Error amplifier: ±1.5%

•Surface mounting package for miniaturized and thinner power supplies Package: SSOP-24D

  0.5-mm lead pitch

  7.8 mm ×6.8 mm ×t1.9 mm

•Supports control over a wide output frequency range: 20 kHz to 1 MHz

•On/off (sequence control) pins provided for each channel for easy sequence control setup

•The negative supply error amplifier supports 0-volt input.

  Common-mode input voltage range: −0.1 V to VCC −1.4 V

  This allows the number of external components to be reduced by two resistors.

•Fixed duty factor: 86% However, the duty can be adjusted to anywhere from 0% to 100% with an external resistor.

•Timer latch short-circuit protection circuit (charge current: 1.1 µA typical)

•Low input voltage malfunction prevention circuit (U.V.L.O.) (operation start voltage: 1.67 V typical)

•Standby function (active-high control input, standby mode current: 1 µA maximum)

•Alternate package versions also available.

  Part No.: AN8049FHN

  Package: QFN-24

              0.5-mm lead pitch

              5.4 mm ×4.4 mm ×t0.8 mm



■Applications

•Electronic equipment that requires a power supply system

 



 




Similar Part No. - AN8049

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8049 PANASONIC-AN8049 Datasheet
170Kb / 23P
1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
AN8049FHN PANASONIC-AN8049FHN Datasheet
170Kb / 23P
1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
More results


Similar Description - AN8049

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8011S PANASONIC-AN8011S Datasheet
161Kb / 16P
2-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8013SH PANASONIC-AN8013SH Datasheet
125Kb / 15P
Single-channel step-up or step-down DC-DC converter control IC
AN8014S PANASONIC-AN8014S Datasheet
151Kb / 18P
Step-down, step-up, or inverting DC-DC converter control IC
AN8015SH PANASONIC-AN8015SH Datasheet
131Kb / 14P
Single-channel step-down, step-up, or inverting use DC-DC converter control IC
AN8016NSH PANASONIC-AN8016NSH Datasheet
134Kb / 17P
Single-channel 1.8-volt step-up DC-DC converter control IC
AN8017SA PANASONIC-AN8017SA Datasheet
205Kb / 25P
1.8-volt 2-channel step-up DC-DC converter control IC
AN8018SA PANASONIC-AN8018SA Datasheet
268Kb / 26P
1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
AN8049FHN PANASONIC-AN8049FHN Datasheet
170Kb / 23P
1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
logo
BCD Semiconductor Manuf...
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
Step Down / Step Up / Inverting DC-DC Converter
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com