Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X-NUCLEO-NFC05A1 Datasheet (PDF) - STMicroelectronics

X-NUCLEO-NFC05A1 Datasheet PDF - STMicroelectronics
Part # X-NUCLEO-NFC05A1
Download  X-NUCLEO-NFC05A1 Download
File Size   760.29 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NFC card reader expansion board based on ST25R3911B for STM32 and STM8 Nucleos

X-NUCLEO-NFC05A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
X-NUCLEO-NFC05A1 Datasheet PDF - STMicroelectronics

Part # X-NUCLEO-NFC05A1
Download  X-NUCLEO-NFC05A1 Click to download

File Size   760.29 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NFC card reader expansion board based on ST25R3911B for STM32 and STM8 Nucleos

X-NUCLEO-NFC05A1 Datasheet (HTML) - STMicroelectronics


X-NUCLEO-NFC05A1 Product details

Description
The X-NUCLEO-NFC05A1 is an NFC card reader expansion board based on the ST25R3911B. The expansion board is configured to support ISO14443A/B, ISO15693, FeliCa™ and AP2P communication. By default, a VHBR compatible matching is populated to achieve bit rates up to 3.4 Mbps. The ST25R3911B manages frame coding and decoding in reader mode for standard applications, such as NFC, proximity and vicinity HF RFID standards. The ST25R3911B supports ISO/IEC 14443 Type A and B, ISO/IEC 15693 (single Subcarrier only) and ISO/IEC 18092 communication protocols. It also supports the detection, reading and writing of NFC Forum Type 1, 2, 3, 4 and 5 tags. It contains a low power capacitive sensor that can be used for ultra-low power wake-up without switching the reader field on. Traditional inductive wake-up to select amplitude or phase measurement can be used as well. Furthermore, the automatic antenna tuning (AAT) technology enables operations close to metallic parts and/or in changing environments. Product summary NFC card reader expansion board based on ST25R3911B for STM32 Nucleo X-NUCLEO-NFC05A1 NFC / HF RFID Reader IC ST25R3911B High performance HF reader/NFC initiator IC software expansion for STM32Cube X-CUBE-NFC05 NFC card reader expansion board based on ST25R3911B for STM32 and STM8 Nucleos X-NUCLEO-NFC05A1 Data brief DB3333 - Rev 3 - February 2019 For further information contact your local STMicroelectronics sales office.

Features
■ On-board NFC card reader IC: ST25R3911B
■ 47 mm x 34 mm, four turns, 13.56 MHz inductive antenna etched on PCB and associated tuning circuit
■ Six general purpose LEDs
■ ISO 18092 (NFCIP-1) active P2P
■ ISO 14443A and ISO14443B
■ ISO 15693
■ FeliCa™
■ VHBR – 6.8 Mbit/s AFE and PCD to PICC framing – 3.4 Mbit/s PICC to PCD framing
■ Up to 1.4 W output power with differential antenna
■ Possibility of driving two antennas in single ended configuration
■ Inductive and capacitive wake-up
■ Automatic antenna tuning system
■ Transparent and Stream modes to implement MIFARE™ Classic compliant or other custom protocols
■ Equipped with Arduino™ UNO R3 connector
■ Free comprehensive development firmware library compatible with STM32Cube and samples for ST25R3911B
■ Scalable solution for multiple board cascade
■ FCC certified
■ RoHS compliant




Similar Part No. - X-NUCLEO-NFC05A1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X-NUCLEO-NFC01A1 STMICROELECTRONICS-X-NUCLEO-NFC01A1 Datasheet
197Kb / 3P
Dynamic NFC tag expansion board based on M24SR for STM32 Nucleo
19-Jun-2014
X-NUCLEO-NFC02A1 STMICROELECTRONICS-X-NUCLEO-NFC02A1 Datasheet
311Kb / 10P
Dynamic NFC tag IC expansion board based on M24LR04E for STM32 Nucleo
June 2016 Rev 4
X-NUCLEO-NFC03A1 STMICROELECTRONICS-X-NUCLEO-NFC03A1 Datasheet
329Kb / 7P
NFC card reader expansion board based on CR95HF for STM32 Nucleo
June 2016 Rev 4
X-NUCLEO-NFC04A1 STMICROELECTRONICS-X-NUCLEO-NFC04A1 Datasheet
266Kb / 6P
Dynamic NFC/RFID tag IC expansion board based on ST25DV04K for STM32 Nucleo
22-Jun-2017
More results


Similar Description - X-NUCLEO-NFC05A1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1793 STMICROELECTRONICS-UM1793 Datasheet
401Kb / 9P
Dynamic NFC tag expansion board based on M24SR for STM32 Nucleo
31-Oct-2014
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
X-NUCLEO-NFC02A1 STMICROELECTRONICS-X-NUCLEO-NFC02A1 Datasheet
311Kb / 10P
Dynamic NFC tag IC expansion board based on M24LR04E for STM32 Nucleo
June 2016 Rev 4
X-NUCLEO-NFC03A1 STMICROELECTRONICS-X-NUCLEO-NFC03A1 Datasheet
329Kb / 7P
NFC card reader expansion board based on CR95HF for STM32 Nucleo
June 2016 Rev 4
X-NUCLEO-NFC01A1 STMICROELECTRONICS-X-NUCLEO-NFC01A1 Datasheet
197Kb / 3P
Dynamic NFC tag expansion board based on M24SR for STM32 Nucleo
19-Jun-2014
X-NUCLEO-CCA02M2 STMICROELECTRONICS-X-NUCLEO-CCA02M2 Datasheet
1Mb / 5P
Digital MEMS microphone expansion board based on MP34DT06J for STM32
18-Sep-2019
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-NFC04A1 STMICROELECTRONICS-X-NUCLEO-NFC04A1 Datasheet
266Kb / 6P
Dynamic NFC/RFID tag IC expansion board based on ST25DV04K for STM32 Nucleo
22-Jun-2017
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com