Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CED9926 Datasheet (PDF) - Chino-Excel Technology

CED9926 Datasheet PDF - Chino-Excel Technology
Part # CED9926
Download  CED9926 Download
File Size   59.68 Kbytes
Page   5 Pages
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology
Description N-Channel Logic Level Enhancement Mode Field Effect Transistor

CED9926 Datasheet (PDF)

Go To PDF Page Download Datasheet
CED9926 Datasheet PDF - Chino-Excel Technology

Part # CED9926
Download  CED9926 Click to download

File Size   59.68 Kbytes
Page   5 Pages
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology
Description N-Channel Logic Level Enhancement Mode Field Effect Transistor

CED9926 Datasheet (HTML) - Chino-Excel Technology


CED9926 Product details

FEATURES
● 20V , 26A , RDS(ON)=30mΩ @VGS=4.5V.
                      RDS(ON)=40m @V Ω GS=2.5V.
● Super high dense cell design for extremely low RDS(ON).
● High power and current handling capability.
● TO-251 & TO-252 package.




Similar Part No. - CED9926

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CED90P04 CET-MOS-CED90P04 Datasheet
536Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2022.July
logo
Whirlpool.
CED9150GW WHIRLPOOL-CED9150GW Datasheet
287Kb / 2P
Commercial Super-Capacity Dryer
8/17
CED9150GW-27 WHIRLPOOL-CED9150GW-27 Datasheet
287Kb / 2P
Commercial Super-Capacity Dryer
8/17
CED9160GW WHIRLPOOL-CED9160GW Datasheet
261Kb / 2P
Commercial Super-Capacity Dryer
8/17
CED9160GW-27 WHIRLPOOL-CED9160GW-27 Datasheet
261Kb / 2P
Commercial Super-Capacity Dryer
8/17
More results


Similar Description - CED9926

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BSS100 FAIRCHILD-BSS100 Datasheet
284Kb / 10P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
FDD603AL FAIRCHILD-FDD603AL Datasheet
237Kb / 8P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P7502CMG ETC2-P7502CMG Datasheet
284Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P1402CDG ETC2-P1402CDG Datasheet
265Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P75N02LSG ETC2-P75N02LSG Datasheet
112Kb / 3P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P5506BVG ETC2-P5506BVG Datasheet
292Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P3057LCG ETC2-P3057LCG Datasheet
206Kb / 4P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDB6030L KEXIN-KDB6030L Datasheet
58Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com