Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM7622NM Datasheet (PDF) - International Rectifier

OM7622NM Datasheet PDF - International Rectifier
Part # OM7622NM
Download  OM7622NM Download
File Size   26.9 Kbytes
Page   2 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS

OM7622NM Datasheet (PDF)

Go To PDF Page Download Datasheet
OM7622NM Datasheet PDF - International Rectifier

Part # OM7622NM
Download  OM7622NM Click to download

File Size   26.9 Kbytes
Page   2 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS

OM7622NM Datasheet (HTML) - International Rectifier


OM7622NM Product details

DESCRIPTION
These three terminal positive adjustable voltage regulators in surface mount package are designed to provide 7.5A, 5A, 3A, and 1.5A with higher efficiency than conventional voltage regulators. The devices are designed to operate to 1 Volt input to output differential and the dropout voltage is specified as a function of load current. These devices are ideally suited for Military applications where surface mount, small size, hermeticity and high reliability are required.

FEATURES
• Surface Mount Hermetic Package
• Operates Down to 1V Dropout, 1.5V @ Max. Current
• .015% Typical Line Regulation
• .01% Typical Load Regulation
• 1% Reference Voltage
• Electrically Equivalent to LT1083, 84, 85 and 86
• Available Hi-Rel Screened




Similar Part No. - OM7622NM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7620SM IRF-OM7620SM Datasheet
30Kb / 2P
SURFACE MOUNT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
OM7627NM ETC-OM7627NM Datasheet
18Kb / 2P
HERMETIC SURFACE MOUNT ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
logo
International Rectifier
OM7628NM IRF-OM7628NM Datasheet
20Kb / 2P
HERMETIC SURFACE MOUNT ADJUSTABLE POSITIVE VOLTAGE REGULATOR
OM7629NM IRF-OM7629NM Datasheet
33Kb / 4P
Three Terminal, Fixed Voltage, 1.5 Amp Precision Positive Regulators In Hermetic Surface Mount Package
More results


Similar Description - OM7622NM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
International Rectifier
OM183-5NM IRF-OM183-5NM Datasheet
18Kb / 2P
SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5231H MSK-MSK5231H Datasheet
187Kb / 5P
POSITIVE ADJUSTABLE, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
International Rectifier
OM185-5SM IRF-OM185-5SM Datasheet
35Kb / 2P
SURFACE MOUNT LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
logo
Linear Technology
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Anaren Microwave
MSK5231 ANAREN-MSK5231 Datasheet
123Kb / 5P
POSITIVE ADJUSTABLE, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com