Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTN2031F Datasheet (PDF) - Zetex Semiconductors

ZXTN2031F Datasheet PDF - Zetex Semiconductors
Part # ZXTN2031F
Download  ZXTN2031F Download
File Size   535.61 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 50V, SOT23, NPN medium power transistor

ZXTN2031F Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN2031F Datasheet PDF - Zetex Semiconductors

Part # ZXTN2031F
Download  ZXTN2031F Click to download

File Size   535.61 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 50V, SOT23, NPN medium power transistor

ZXTN2031F Datasheet (HTML) - Zetex Semiconductors


ZXTN2031F Product details

Description
Advanced process capability and package design have been used to maximize the power handling and performance of this small outline transistor. The compact size and ratings of this device make it ideally suited to applications where space is at a premium.

Feature
• Higher power dissipation SOT23 Package
• High peak current
• Low saturation voltage
• High gain
• 80V forward blocking voltage

Applications
• MOSFET and IGBT gate driving
• Motor drive
• Relay, lamp and solenoid drive
• DC-DC converters




Similar Part No. - ZXTN2031F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN2031F DIODES-ZXTN2031F Datasheet
539Kb / 6P
50V, SOT23, NPN medium power transistor
JANUARY 2006
ZXTN2031FTA DIODES-ZXTN2031FTA Datasheet
539Kb / 6P
50V, SOT23, NPN medium power transistor
JANUARY 2006
ZXTN2031F DIODES-ZXTN2031F_15 Datasheet
407Kb / 7P
50V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 3
More results


Similar Description - ZXTN2031F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2025F ZETEX-ZXTP2025F Datasheet
505Kb / 6P
50V, SOT23, PNP medium power transistor
ZXTN25100DFH ZETEX-ZXTN25100DFH Datasheet
391Kb / 6P
100V, SOT23, NPN medium power transistor
ZXTN25050DFH ZETEX-ZXTN25050DFH Datasheet
414Kb / 6P
50V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN2031F DIODES-ZXTN2031F Datasheet
539Kb / 6P
50V, SOT23, NPN medium power transistor
JANUARY 2006
ZXTN25020BFH DIODES-ZXTN25020BFH Datasheet
400Kb / 6P
20V, SOT23, NPN medium power transistor
MAY 2006
ZXTN25020DFH DIODES-ZXTN25020DFH Datasheet
263Kb / 6P
20V SOT23 NPN medium power transistor
MAY 2006
ZXTN25050DFH DIODES-ZXTN25050DFH Datasheet
425Kb / 6P
50V, SOT23, NPN medium power transistor
SEPTEMBER 2006
ZXTP2025F DIODES-ZXTP2025F Datasheet
512Kb / 6P
50V, SOT23, PNP medium power transistor
JANUARY 2006
ZXTN2031F DIODES-ZXTN2031F_15 Datasheet
407Kb / 7P
50V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 3
ZXTP2025F DIODES-ZXTP2025F_15 Datasheet
512Kb / 6P
50V, SOT23, PNP medium power transistor
JANUARY 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com