Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27142000 Datasheet (PDF) - PHOENIX CONTACT

27142000 Datasheet PDF - PHOENIX CONTACT
Part # 27142000
Download  27142000 Download
File Size   58.83 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Fuse insert - S 6 A/380 V

27142000 Datasheet (PDF)

Go To PDF Page Download Datasheet
27142000 Datasheet PDF - PHOENIX CONTACT

Part # 27142000
Download  27142000 Click to download

File Size   58.83 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Fuse insert - S 6 A/380 V

27142000 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 27142000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
27142000 PHOENIX-27142000 Datasheet
59Kb / 3P
Fuse insert - S 2 A/380 V
09/11/2020
27142000 PHOENIX-27142000 Datasheet
58Kb / 3P
Fuse insert - S 4 A/380 V
09/11/2020
27142000 PHOENIX-27142000 Datasheet
58Kb / 3P
Fuse insert - S 10 A/380 V
09/11/2020
27142000 PHOENIX-27142000 Datasheet
58Kb / 3P
Fuse insert - S 16 A/380 V
09/11/2020
27142000 PHOENIX-27142000 Datasheet
59Kb / 3P
Fuse insert - S 20 A/380 V
09/11/2020
More results


Similar Description - 27142000

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1K0610Q7 SCHNEIDER-LC1K0610Q7 Datasheet
172Kb / 4P
TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 380...400 V AC coil
Apr 27, 2021
RE22R2QEMT SCHNEIDER-RE22R2QEMT Datasheet
141Kb / 6P
Harmony, Modular timing relay, 8 A, 2 CO, 0.3 s...30 s, star delta, 380??15 V AC/DC
Aug 25, 2021
logo
PHOENIX CONTACT
0913016 PHOENIX-0913016 Datasheet
59Kb / 3P
Fuse insert - S 2 A/380 V
09/11/2020
0913029 PHOENIX-0913029 Datasheet
58Kb / 3P
Fuse insert - S 4 A/380 V
09/11/2020
0913045 PHOENIX-0913045 Datasheet
58Kb / 3P
Fuse insert - S 10 A/380 V
09/11/2020
0913058 PHOENIX-0913058 Datasheet
58Kb / 3P
Fuse insert - S 16 A/380 V
09/11/2020
0913061 PHOENIX-0913061 Datasheet
59Kb / 3P
Fuse insert - S 20 A/380 V
09/11/2020
0913090 PHOENIX-0913090 Datasheet
58Kb / 3P
Fuse insert - S 50 A/380 V
09/11/2020
0913100 PHOENIX-0913100 Datasheet
59Kb / 3P
Fuse insert - S 63 A/380 V
09/11/2020
logo
WOLFSPEED, INC.
CAS380M17HM3 WOLFSPEED-CAS380M17HM3 Datasheet
1Mb / 12P
1700 V, 380 A, Silicon Carbide, Half-Bridge Module
Rev. 01, FEBRUARY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com