Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST27C1001 Datasheet (PDF) - STMicroelectronics

ST27C1001 Datasheet PDF - STMicroelectronics
Part # ST27C1001
Download  ST27C1001 Download

File Size   132.82 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1024K ( 128K X 8 ) CMOS UV ERASABLE PROM

ST27C1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST27C1001 Datasheet PDF - STMicroelectronics

Part # ST27C1001
Download  ST27C1001 Click to download

File Size   132.82 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1024K ( 128K X 8 ) CMOS UV ERASABLE PROM

ST27C1001 Datasheet (HTML) - STMicroelectronics

ST27C1001 Datasheet HTML 1Page - STMicroelectronics ST27C1001 Datasheet HTML 2Page - STMicroelectronics



Similar Part No. - ST27C1001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST27128A-15XCP STMICROELECTRONICS-ST27128A-15XCP Datasheet
570Kb / 10P
   128K (16Kx8) NMOS ONE TIME PROGRAMMABLE ROM
JUNE 1988
ST27128A-20CP STMICROELECTRONICS-ST27128A-20CP Datasheet
570Kb / 10P
   128K (16Kx8) NMOS ONE TIME PROGRAMMABLE ROM
JUNE 1988
ST27128A-20XCP STMICROELECTRONICS-ST27128A-20XCP Datasheet
570Kb / 10P
   128K (16Kx8) NMOS ONE TIME PROGRAMMABLE ROM
JUNE 1988
ST27128A-25CP STMICROELECTRONICS-ST27128A-25CP Datasheet
570Kb / 10P
   128K (16Kx8) NMOS ONE TIME PROGRAMMABLE ROM
JUNE 1988
ST27128A-30CP STMICROELECTRONICS-ST27128A-30CP Datasheet
570Kb / 10P
   128K (16Kx8) NMOS ONE TIME PROGRAMMABLE ROM
JUNE 1988
More results


Similar Description - ST27C1001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M27128A INTEL-M27128A Datasheet
555Kb / 9P
   Advanced 128K(16 x 8) UV Erasable PROM
logo
Motorola, Inc
MCM2532 MOTOROLA-MCM2532 Datasheet
208Kb / 6P
   4096 x 8-BIT UV ERASABLE PROM
logo
Intel Corporation
M2732A INTEL-M2732A Datasheet
420Kb / 6P
   32K (4K X 8) UV ERASABLE PROM
M2716 INTEL-M2716 Datasheet
400Kb / 7P
   16K (2K x 8) UV ERASABLE PROM
M27256 INTEL-M27256 Datasheet
554Kb / 9P
   256K(32K x 8) UV ERASABLE PROM
logo
National Semiconductor ...
NMC27C256 NSC-NMC27C256 Datasheet
325Kb / 9P
   262, 144-Bit (32k X 8) UV Erasable CMOS PROM
NMC2532 NSC-NMC2532 Datasheet
222Kb / 5P
   32k-Bit (4k x 8) UV Erasable PROM
logo
Intel Corporation
M2764A INTEL-M2764A Datasheet
622Kb / 9P
   AVDVANCED 64K (8K x 8) UV ERASABLE PROM
logo
National Semiconductor ...
27C16 NSC-27C16 Datasheet
111Kb / 8P
   16,384-Bit (2048 x 8) UV Erasable CMOS PROM Military Qualified
logo
STMicroelectronics
ETC2716Q STMICROELECTRONICS-ETC2716Q Datasheet
255Kb / 9P
   16K BIT CMOS UV ERASABLE PROM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com