Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HU361AWAVW Datasheet (PDF) - Schneider Electric

HU361AWAVW Datasheet PDF - Schneider Electric
Part # HU361AWAVW
Download  HU361AWAVW Download
File Size   49.02 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description SW NOT FUSIBLE HD 30A NEMA12/VIEW WINDOW

HU361AWAVW Datasheet (PDF)

Go To PDF Page Download Datasheet
HU361AWAVW Datasheet PDF - Schneider Electric

Part # HU361AWAVW
Download  HU361AWAVW Click to download

File Size   49.02 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description SW NOT FUSIBLE HD 30A NEMA12/VIEW WINDOW

HU361AWAVW Datasheet (HTML) - Schneider Electric




Similar Part No. - HU361AWAVW

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HU361AWA SCHNEIDER-HU361AWA Datasheet
110Kb / 2P
Safety switch, heavy duty, non fusible, 30A, 600 VAC/VDC, 3 poles, 20 hp, NEMA 12K, appleton powertite receptacle
Jul 7, 2021
More results


Similar Description - HU361AWAVW

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
H361AWAVW SCHNEIDER-H361AWAVW Datasheet
64Kb / 2P
Safety switch, heavy duty, fusible, 30A, 600 VAC/ VDC, 3 poles, 20 hp, NEMA 12K, appleton, view window
Jun 21, 2021
H82344SPLO SCHNEIDER-H82344SPLO Datasheet
60Kb / 1P
SW,NOT FUSIBLE 200A 3P NEMA12 W/ LOCKON
Jun 24, 2021
H82344EI SCHNEIDER-H82344EI Datasheet
61Kb / 1P
SW NOT FUSIBLE DT 200A NEMA12 W/ INTERLK
Jun 24, 2021
82444 SCHNEIDER-82444 Datasheet
108Kb / 2P
200A DT 600V 4P NOT-FUSIBLE T-1 ENCL SW
Jun 24, 2021
H362DSVW SCHNEIDER-H362DSVW Datasheet
101Kb / 1P
SWITCH FUSIBLE HD 60A 3P STAINLESS / VIEW
Aug 15, 2019
H362DSWAVW SCHNEIDER-H362DSWAVW Datasheet
49Kb / 2P
SW FUSIBLE HD 60A STAINLESS/RECEP/ VIEW
Aug 15, 2019
H60XFA1212 SCHNEIDER-H60XFA1212 Datasheet
107Kb / 2P
SWITCH NOT FUSIBLE HD 60A 3P / AUXILIARY
Aug 15, 2019
HU361DSEIVW SCHNEIDER-HU361DSEIVW Datasheet
48Kb / 1P
SW UNFUSED HD 30A STAINLES/ INTERLOK/VIEW
Aug 15, 2019
HU361RBGL SCHNEIDER-HU361RBGL Datasheet
47Kb / 1P
SW NOT FUSIBLE HD 30A NEMA3R/ GROUND LUG
Aug 15, 2019
HU363DSVW SCHNEIDER-HU363DSVW Datasheet
92Kb / 1P
SW NOT FUSIBLE HD 100A 3P STAINLESS/ VIEW
Aug 15, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com