Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4603 Datasheet (PDF) - ATMEL Corporation

AO4603 Datasheet PDF - ATMEL Corporation
Part # AO4603
Download  AO4603 Download
File Size   144.64 Kbytes
Page   7 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Complementary Enhancement Mode Field Effect Transistor

AO4603 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4603 Datasheet PDF - ATMEL Corporation

Part # AO4603
Download  AO4603 Click to download

File Size   144.64 Kbytes
Page   7 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Complementary Enhancement Mode Field Effect Transistor

AO4603 Datasheet (HTML) - ATMEL Corporation


AO4603 Product details

General Description
The AO4603 uses advanced trench technology MOSFETs to provide excellent RDS(ON) and low gate charge. The complementary MOSFETs may be used to form a level shifted high side switch, and for a host of other applications. Standard product AO4603 is Pb-free (meets ROHS & Sony 259 specifications). AO4603L is a Green Product ordering option. AO4603 and AO4603L are electrically identical.

Features
n-channel                  p-channel
VDS (V) = 30V            -30V
ID = 4.7A (VGS=10V)    -5.8A (VGS = -10V)
RDS(ON)                     RDS(ON)
< 55mΩ (VGS=10V)      < 35mΩ (VGS = -10V)
< 70mΩ (VGS=4.5V)     < 58mΩ (VGS = -4.5V)
< 110mΩ (VGS = 2.5V)




Similar Part No. - AO4603

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4600 KEXIN-AO4600 Datasheet
1Mb / 7P
Complementary Trench MOSFET
AO4600-HF KEXIN-AO4600-HF Datasheet
2Mb / 7P
Complementary Trench MOSFET
logo
Alpha & Omega Semicondu...
AO4600L AOSMD-AO4600L Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4601 AOSMD-AO4601 Datasheet
306Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
More results


Similar Description - AO4603

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOP608 AOSMD-AOP608 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4607 AOSMD-AO4607 Datasheet
198Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com