Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1207658 Datasheet (PDF) - PHOENIX CONTACT

1207658 Datasheet PDF - PHOENIX CONTACT
Part # 1207658
Download  1207658 Download
File Size   66.7 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DIN rail perforated - NS 35/15 PERF 1000MM

1207658 Datasheet (PDF)

Go To PDF Page Download Datasheet
1207658 Datasheet PDF - PHOENIX CONTACT

Part # 1207658
Download  1207658 Click to download

File Size   66.7 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DIN rail perforated - NS 35/15 PERF 1000MM

1207658 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 1207658

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1207650 PHOENIX-1207650 Datasheet
238Kb / 5P
NS 35/ 7,5 PERF 500MM - DIN rail perforated
1207652 PHOENIX-1207652 Datasheet
235Kb / 5P
NS 35/15 UNPERF 250MM - DIN rail, unperforated
1207653 PHOENIX-1207653 Datasheet
113Kb / 6P
PIT 2,5 BU
1207653 PHOENIX-1207653 Datasheet
119Kb / 6P
PIT 2,5-TWIN BU
1207653 PHOENIX-1207653 Datasheet
130Kb / 6P
PIT 2,5-QUATTRO BU
More results


Similar Description - 1207658

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3274054 PHOENIX-3274054 Datasheet
51Kb / 2P
DIN rail adapter, width: 28.6 mm, height: 11 mm, color: gray, mounting type: NS 35/7,5, NS 35/15
3274057 PHOENIX-3274057 Datasheet
50Kb / 2P
DIN rail adapter, with end stop function, width: 10.3 mm, height: 12 mm, color: gray, mounting type: NS 35/7,5, NS 35/15
2854186 PHOENIX-2854186 Datasheet
124Kb / 9P
Can be snapped onto standard NS 35/7,5 and NS 35/15 DIN rails
2970031 PHOENIX-2970031 Datasheet
84Kb / 3P
Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between base and side element
0807012 PHOENIX-0807012 Datasheet
62Kb / 3P
DIN rail perforated - NS 35/ 7,5 PERF 1000MM
09/11/2020
logo
FIBOX Enclosing innovat...
5514082 FIBOX-5514082 Datasheet
52Kb / 1P
DIN-35 Mounting rail, for enclosures
17.01.2023
8524032 FIBOX-8524032 Datasheet
42Kb / 1P
DIN-35 Mounting rail, for enclosures
17.01.2023
8524033 FIBOX-8524033 Datasheet
42Kb / 1P
DIN-35 Mounting rail, for enclosures
17.01.2023
9821007 FIBOX-9821007 Datasheet
49Kb / 1P
DIN-35 Mounting rail, for enclosures:
02.08.2023
9822003 FIBOX-9822003 Datasheet
48Kb / 1P
DIN-35 Mounting rail, for enclosures
02.08.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com