Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2002-1091 Datasheet (PDF) - WAGO Kontakttechnik GmbH & Co. KG

2002-1091 Datasheet PDF - WAGO Kontakttechnik GmbH & Co. KG
Part # 2002-1091
Download  2002-1091 Download
File Size   60.89 Kbytes
Page   3 Pages
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG
Description End plate for fuse terminal blocks; 2 mm thick; gray

2002-1091 Datasheet (PDF)

Go To PDF Page Download Datasheet
2002-1091 Datasheet PDF - WAGO Kontakttechnik GmbH & Co. KG

Part # 2002-1091
Download  2002-1091 Click to download

File Size   60.89 Kbytes
Page   3 Pages
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG
Description End plate for fuse terminal blocks; 2 mm thick; gray

2002-1091 Datasheet (HTML) - WAGO Kontakttechnik GmbH & Co. KG




Similar Part No. - 2002-1091

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2002-1092 WAGO-2002-1092 Datasheet
221Kb / 3P
End plate for fuse terminal blocks; 2 mm thick; orange
24.11.2021
More results


Similar Description - 2002-1091

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2002-2791 WAGO-2002-2791 Datasheet
77Kb / 3P
End plate; 0.8 mm thick; gray
24.11.2021
2002-1092 WAGO-2002-1092 Datasheet
221Kb / 3P
End plate for fuse terminal blocks; 2 mm thick; orange
24.11.2021
2110-1391 WAGO-2110-1391 Datasheet
83Kb / 3P
End and intermediate plate; 1 mm thick; for 3-conductor terminal blocks; gray
24.11.2021
2116-1391 WAGO-2116-1391 Datasheet
80Kb / 2P
End and intermediate plate; 1 mm thick; for 3-conductor terminal blocks; gray
24.11.2021
2102-1391 WAGO-2102-1391 Datasheet
92Kb / 3P
End and intermediate plate; 0.8 mm thick; for 3-conductor terminal blocks; gray
24.11.2021
2104-1391 WAGO-2104-1391 Datasheet
78Kb / 2P
End and intermediate plate; 1 mm thick; for 3-conductor terminal blocks; gray
24.11.2021
2106-1391 WAGO-2106-1391 Datasheet
85Kb / 2P
End and intermediate plate; 1 mm thick; for 3-conductor terminal blocks; gray
24.11.2021
2050-391 WAGO-2050-391 Datasheet
76Kb / 2P
End plate; for terminal blocks with snap-in mounting foot; 3.4 mm thick; gray
25.11.2021
2020-5391 WAGO-2020-5391 Datasheet
115Kb / 3P
End and intermediate plate; 1 mm thick; for 3-conductor terminal blocks; gray
24.11.2021
2020-5491 WAGO-2020-5491 Datasheet
118Kb / 3P
End and intermediate plate; 1 mm thick; for 4-conductor terminal blocks; gray
24.11.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com