Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62702 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M62702 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M62702
Download  M62702 Download
File Size   21.59 Kbytes
Page   3 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES

M62702 Datasheet (PDF)

Go To PDF Page Download Datasheet
M62702 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M62702
Download  M62702 Click to download

File Size   21.59 Kbytes
Page   3 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES

M62702 Datasheet (HTML) - Mitsubishi Electric Semiconductor


M62702 Product details

DESCRIPTION
The M627XXML/SL is a voltage threshold detector designed for detection of a supply voltage and generation of a system reset pulse for almost all logic circuits such as microprocessor.
It also has extensive applications including battery checking, level detecting and waveform shaping circuits.

FEATURES
• Detecting Voltage M627X2,M627X3 …… 2.87V
                                M627X4,M627X5 …… 2.58V
                                M627X6,M627X7 …… 2.39V
                                M627X8,M627X9 …… 1.72V
• Hysterisis Voltage ………………………… 80mV
• Delay Time M6270X ………… 0sec
                      M6271X ………… 200 µsec
                      M6272X ………… 50msec
                      M6273X ………… 100msec
                      M6274X ………… 200msec
• Few external parts
• Low threshold operating voltage (Supply voltage to keep low-state at low supply voltage) …0.65V(TYP.) at RL=22kW
• Wide supply voltage range ………… 1.5V to 7.0V
• Sudden change in power supply has minimal effect on the ICs
• Extra small 3-pin package (3-pin FLAT)
• Built-in long delay time

APPLICATION
• Reset pulse generation for almost all logic circuits
• Battery checking, level detecting, waveform shaping circuits
• Delayed waveform generator
• Switching circuit to a back-up power supply
• DC/DC converter
• Over voltage protection circuit




Similar Part No. - M62702

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62702ML MITSUBISHI-M62702ML Datasheet
21Kb / 3P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62702SL MITSUBISHI-M62702SL Datasheet
21Kb / 3P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
More results


Similar Description - M62702

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
VOLTAGE DETECTING,SYSTEM RESETTING IC
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
VOLTAGE DETECTING, SYSTEM RESETTING IC
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
M51945A RENESAS-M51945A_07 Datasheet
144Kb / 11P
Voltage Detecting, System Resetting IC Series
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
Voltage Detecting, System Resetting IC Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com