Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJRDA200-4 Datasheet (PDF) - Pan Jit International Inc.

PJRDA200-4 Datasheet PDF - Pan Jit International Inc.
Part # PJRDA200-4
Download  PJRDA200-4 Download
File Size   75.45 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description Low Capacitance TVS Diode Array

PJRDA200-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJRDA200-4 Datasheet PDF - Pan Jit International Inc.

Part # PJRDA200-4
Download  PJRDA200-4 Click to download

File Size   75.45 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description Low Capacitance TVS Diode Array

PJRDA200-4 Datasheet (HTML) - Pan Jit International Inc.


PJRDA200-4 Product details

Low Capacitance TVS Diode Array

This diode array is configured to protect up to four data transmission lines acting as a line terminator, minimizing overshoot and undershoot conditions due to bus impedance as well as protect against over-voltage events as electrostatic discharges.

SPECIFICATION FEATURES
● DC Forward Current Max of 200mA
● Maximum Capacitance of 5.0pF at 0Vdc 1MHz Line-to-Ground
● Maximum Leakage Current of 0.5µA @ 100V
● Repetitive Peak Inverse Voltage of 200V
● Industry Standard SMT Package SOIC-8
● IEC61000-4-2, IEC61000-4-4 and IEC61000-4-5 Full Compliance
● 100% Tin Matte finish (LEAD-FREE PRODUCT)

APPLICATIONS
● Set Top Box Input/Output lines
● LAN/WLAN Access Point terminals
● Video Signal line protection
● I2C Bus Protection




Similar Part No. - PJRDA200-4

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PJR HAMMOND-PJR Datasheet
200Kb / 3P
Bo챤te de jonction en polyester de type 4X avec couvercle en relief
logo
Potens Semiconductor Co...
PJR04N60D POTENS-PJR04N60D Datasheet
1Mb / 5P
600V N-Channel MOSFETS
Ver.1.00
PJR05N65N POTENS-PJR05N65N Datasheet
957Kb / 5P
650V N-Channel MOSFETs
Ver.1.01
PJR05N70N POTENS-PJR05N70N Datasheet
958Kb / 5P
700V N-Channel MOSFETs
Ver.1.00
PJR08N65N POTENS-PJR08N65N Datasheet
918Kb / 5P
650V N-Channel MOSFETs
Ver.1.00
More results


Similar Description - PJRDA200-4

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLLLC05 PANJIT-PJDLLLC05 Datasheet
316Kb / 3P
Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP1007 TOREX-XBP1007_12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1001-12 TOREX-XBP1001-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1002-12 TOREX-XBP1002-12 Datasheet
165Kb / 5P
Low Capacitance TVS Diode Array
XBP1006-12 TOREX-XBP1006-12 Datasheet
182Kb / 5P
Low Capacitance TVS Diode Array
XBP1007-12 TOREX-XBP1007-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
LOW CAPACITANCE TVS DIODE ARRAY
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
Low Capacitance TVS Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com