Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D7110-5 Datasheet (PDF) - Data Delay Devices, Inc.

3D7110-5 Datasheet PDF - Data Delay Devices, Inc.
Part # 3D7110-5
Download  3D7110-5 Download
File Size   233.39 Kbytes
Page   5 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7110)

3D7110-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
3D7110-5 Datasheet PDF - Data Delay Devices, Inc.

Part # 3D7110-5
Download  3D7110-5 Click to download

File Size   233.39 Kbytes
Page   5 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7110)

3D7110-5 Datasheet (HTML) - Data Delay Devices, Inc.


3D7110-5 Product details

FUNCTIONAL DESCRIPTION
The 3D7110 10-Tap Delay Line product family consists of fixed-delay CMOS integrated circuits. Each package contains a single delay line, tapped and buffered at 10 points spaced uniformly in time. Tap-to-tap (incremental) delay values can range from 0.75ns through 8.0ns. The input is reproduced at the outputs without inversion, shifted in time as per the user-specified dash number. The 3D7110 is TTL- and CMOS compatible, capable of driving ten 74LS-type loads, and features both rising- and falling-edge accuracy.
The all-CMOS 3D7110 integrated circuit has been designed as a reliable, economic alternative to hybrid TTL fixed delay lines. It is offered in a standard 14-pin auto-insertable DIP and space saving surface mount 14- and 16-pin SOIC packages.

FEATURES
• All-silicon, low-power CMOS technology
• TTL/CMOS compatible inputs and outputs
• Vapor phase, IR and wave solderable
• Auto-insertable (DIP pkg.)
• Low ground bounce noise
• Leading- and trailing-edge accuracy
• Delay range: .75 through 80ns
• Delay tolerance: 5% or 1ns
• Temperature stability: ±3% typical (0C-70C)
• Vdd stability: ±1% typical (4.75V-5.25V)
• Minimum input pulse width: 15% of total delay
• 14-pin Gull-Wing and 16-pin SOIC available as drop-in replacements for hybrid delay lines




Similar Part No. - 3D7110-5

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7105 DATADELAY-3D7105 Datasheet
42Kb / 4P
MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7105)
3D7105-.75 DATADELAY-3D7105-.75 Datasheet
42Kb / 4P
MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7105)
3D7105-1 DATADELAY-3D7105-1 Datasheet
42Kb / 4P
MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7105)
3D7105-1.5 DATADELAY-3D7105-1.5 Datasheet
42Kb / 4P
MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7105)
3D7105-2 DATADELAY-3D7105-2 Datasheet
42Kb / 4P
MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7105)
More results


Similar Description - 3D7110-5

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7105 DATADELAY-3D7105 Datasheet
42Kb / 4P
MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7105)
3D7010 DATADELAY-3D7010 Datasheet
253Kb / 4P
MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7010)
3D7205 DATADELAY-3D7205 Datasheet
256Kb / 4P
MONOLITHIC 5-TAP FIXED DELAY LINE
logo
List of Unclassifed Man...
3D3215 ETC1-3D3215 Datasheet
43Kb / 4P
MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE
logo
Data Delay Devices, Inc...
3D3220 DATADELAY-3D3220 Datasheet
238Kb / 4P
MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D3220)
3D3225 DATADELAY-3D3225 Datasheet
241Kb / 4P
MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D3225)
3D7220 DATADELAY-3D7220 Datasheet
232Kb / 4P
MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7220)
3D7225 DATADELAY-3D7225 Datasheet
240Kb / 4P
MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7225)
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
MONOLITHIC 10-TAP FIXED DELAY LINE
3D3225 DATADELAY-3D3225_06 Datasheet
240Kb / 4P
MONOLITHIC 5-TAP FIXED DELAY LINE
More results




About Data Delay Devices, Inc.


Data Delay Devices, Inc. (DDD) was a semiconductor company that was founded in 1964 and based in Pennsylvania, USA. The company specialized in the design and manufacture of a range of semiconductor products, including digital delay lines, programmable timers, and other timing devices.

DDD's products were widely used in a variety of industries, including aerospace, defense, telecommunications, and industrial automation. The company was known for its high-quality and reliable products, which were often customized to meet the specific needs of its customers.

In 2006, Data Delay Devices, Inc. was acquired by Data Device Corporation (DDC), a leading supplier of high-reliability data communication and control solutions for the aerospace and defense industries. Today, DDD's products are still used by many customers in these industries, and the company's legacy of high-quality timing devices lives on through DDC's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com