| Manufacturer | Part # | Datasheet | Description |
 PHOENIX CONTACT |
2700096
|
58Kb / 4P |
Permanent light element, 12 to 240 V AC/DC, red, without bulb
|
|
2700097
|
58Kb / 4P |
Permanent light element, 12 to 240 V AC/DC, green, without bulb
|
|
2700098
|
54Kb / 3P |
Permanent light element, 12 to 240 V AC/DC, yellow, without bulb
|
|
2700099
|
53Kb / 3P |
Permanent light element, 12 to 240 V AC/DC, clear, without bulb
|
|
2700100
|
54Kb / 3P |
Permanent light element, 12 to 240 V AC/DC, blue, without bulb
|
 Schneider Electric |
DL1CE024
|
147Kb / 2P |
Harmony XB4, Incandescent bulb, BA 9s, clear, 24 V AC/DC
Nov 22, 2021 |
|
DL1CE048
|
121Kb / 2P |
Harmony XB4, Incandescent bulb, BA 9s, clear, 48 V AC/DC
Nov 22, 2021 |
|
DL1BEBS
|
79Kb / 2P |
Harmony XVP, Incandescent bulb, BA 15d, 4W, 24 V AC/DC
Sep 13, 2021 |
|
2550101020
|
136Kb / 2P |
incandescent bulb - for transformer light block - 120..600 V AC
Jan 20, 2022 |
|
2550101025
|
116Kb / 1P |
incandescent bulb - for resistor light block - 48 V AC/DC
Jan 20, 2022 |