| Manufacturer | Part # | Datasheet | Description |
 GOOD-ARK Electronics |
MUR1660(F)CT
|
412Kb / 4P |
Ultrafast Recovery Planar Diode Reverse Voltage 600 Volts Forward Current 16 Amperes
|
 AiT Semiconductor Inc. |
1N4148WS
|
386Kb / 5P |
FAST SWITCHING DIODE FORWARD VOLTAGE 1.25V CURRENT 150mA RECOVERY 4ns
REV1.0 |
|
1N4448WTF
|
569Kb / 5P |
FAST SWITCHING DIODE REVERSE RECOVERY TIME 4ns
REV1.0 |
|
1SS355
|
427Kb / 5P |
SWITCHING DIODES FORWARD VOLTAGE 1.2V CURRENT 150mA
REV1.0 |
|
BAS16L
|
581Kb / 7P |
SWITCHING DIODE REVERSE VOLTAGE 75V FORWARD CURRENT 200mA
REV1.2 |
|
MMBD4148
|
432Kb / 4P |
SWITCHING DIODE FORWARD VOLTAGE 1V CURRENT 200mA
REV1.0 |
 Pan Jit International I... |
PSDB0860L1
|
1,013Kb / 5P |
Optima Diode - Low forward voltage drop, Fast Recovery Diode
March 2,2021 PSDB0860L1-REV.00 |
|
PSDH30120L1
|
719Kb / 5P |
Optima Diode - Low forward voltage drop, Fast Recovery Diode
September 3,2020 PSDH30120L1-REV.00 |
|
PSDP0860L1
|
1Mb / 5P |
Optima Diode - Low forward voltage drop, Fast Recovery Diode
November 3,2020 PSDP0860L1-REV.00 |
|
PSDP15120L1
|
1Mb / 5P |
Optima Diode - Low forward voltage drop, Fast Recovery Diode
September 3,2020 PSDP15120L1-REV.00 |