Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4672Q Datasheet (PDF) - AiT Semiconductor Inc.

2SC4672Q Datasheet PDF - AiT Semiconductor Inc.
Part # 2SC4672Q
Download  2SC4672Q Download
File Size   682.89 Kbytes
Page   5 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description GENERAL PURPOSE TRANSISTOR 1W 1.5A 25V NPN SILICON

2SC4672Q Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4672Q Datasheet PDF - AiT Semiconductor Inc.

Part # 2SC4672Q
Download  2SC4672Q Click to download

File Size   682.89 Kbytes
Page   5 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description GENERAL PURPOSE TRANSISTOR 1W 1.5A 25V NPN SILICON

2SC4672Q Datasheet (HTML) - AiT Semiconductor Inc.




Similar Part No. - 2SC4672Q

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
2SC4672Q AITSEMI-2SC4672Q Datasheet
682Kb / 5P
GENERAL PURPOSE TRANSISTOR 1W 1.5A 25V NPN SILICON
More results


Similar Description - 2SC4672Q

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
logo
AiT Semiconductor Inc.
2SC4672R AITSEMI-2SC4672R Datasheet
682Kb / 5P
GENERAL PURPOSE TRANSISTOR 1W 1.5A 25V NPN SILICON
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com