Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LN221RPH Datasheet (PDF) - Panasonic Semiconductor

LN221RPH Datasheet PDF - Panasonic Semiconductor
Part # LN221RPH
Download  LN221RPH Download
File Size   30.84 Kbytes
Page   1 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 2.6 mm Series

LN221RPH Datasheet (PDF)

Go To PDF Page Download Datasheet
LN221RPH Datasheet PDF - Panasonic Semiconductor

Part # LN221RPH
Download  LN221RPH Click to download

File Size   30.84 Kbytes
Page   1 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 2.6 mm Series

LN221RPH Datasheet (HTML) - Panasonic Semiconductor




Similar Part No. - LN221RPH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN221RPH PANASONIC-LN221RPH_08 Datasheet
318Kb / 3P
phi2.6 mm
More results


Similar Description - LN221RPH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN221RPX PANASONIC-LN221RPX Datasheet
30Kb / 1P
2.6 mm Series
EVPAF PANASONIC-EVPAF Datasheet
83Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
logo
API Technologies Corp
CMD191 APITECH-CMD191 Datasheet
113Kb / 1P
2.6 Duplexer
logo
Panasonic Semiconductor
EVP-AFFG65 PANASONIC-EVP-AFFG65 Datasheet
108Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
EVP-AFFB65 PANASONIC-EVP-AFFB65 Datasheet
108Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
logo
TOKO, Inc
DEM2612C TOKO-DEM2612C Datasheet
102Kb / 1P
Low profile (2.6 x 2.8 mm square, 1.2mm Max.height).
logo
Peregrine Semiconductor...
PE4268 PEREGRINE-PE4268_15 Datasheet
308Kb / 11P
2.6 V Switch
logo
Omron Electronics LLC
XD2B OMRON-XD2B Datasheet
1Mb / 4P
Miniature Battery Connectors with 13.2 mm Width and 2.6 mm Depth
logo
Panasonic Semiconductor
EVPBB0AAE000 PANASONIC-EVPBB0AAE000 Datasheet
294Kb / 8P
Tactile Switches 2.6 mm x 1.6 mm SMD
logo
Schurter Inc.
PFUF SCHURTER-PFUF_V02 Datasheet
357Kb / 4P
Surface Mount Fuse, PTC, 1210 footprint, 3.2 x 2.6 mm, 30 VDC
04.01.2022
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com