Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WCMC8016V9X Datasheet (PDF) - Weida Semiconductor, Inc.

WCMC8016V9X Datasheet PDF - Weida Semiconductor, Inc.
Part # WCMC8016V9X
Download  WCMC8016V9X Download
File Size   219.36 Kbytes
Page   12 Pages
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.
Description 8Mb (512K x 16) Pseudo Static RAM

WCMC8016V9X Datasheet (PDF)

Go To PDF Page Download Datasheet
WCMC8016V9X Datasheet PDF - Weida Semiconductor, Inc.

Part # WCMC8016V9X
Download  WCMC8016V9X Click to download

File Size   219.36 Kbytes
Page   12 Pages
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.
Description 8Mb (512K x 16) Pseudo Static RAM

WCMC8016V9X Datasheet (HTML) - Weida Semiconductor, Inc.


WCMC8016V9X Product details

Functional Description[1]
The WCMC8016V9X is a high-performance CMOS pseudo static RAM organized as 512K words by 16 bits that supports an asynchronous memory interface. This device features advanced circuit design to provide ultra-low active current. This is ideal for providing More Battery Life® (MoBL®) in portable applications such as cellular telephones.
   
Features
• Wide voltage range: 2.70V–3.30V
• Access Time: 70ns
• Ultra-low active power
    — Typical active current: 2.0mA @ f = 1 MHz
    — Typical active current: 11mA @ f = fmax
• Ultra low standby power
• Easy memory expansion with CE, CE2, and OE features
• Automatic power-down when deselected
• CMOS for optimum speed/power
• Offered in a 48 Ball BGA Package
   




Similar Part No. - WCMC8016V9X

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCMC1616V9X WEIDA-WCMC1616V9X Datasheet
217Kb / 13P
1Mb x 16 Pseudo Static RAM
WCMC1616V9X-FI70 WEIDA-WCMC1616V9X-FI70 Datasheet
217Kb / 13P
1Mb x 16 Pseudo Static RAM
WCMC2016V1X WEIDA-WCMC2016V1X Datasheet
135Kb / 5P
128K x 16 Pseudo Static RAM DIE
WCMC2016V1X-2XW11I WEIDA-WCMC2016V1X-2XW11I Datasheet
135Kb / 5P
128K x 16 Pseudo Static RAM DIE
WCMC2016V1X-2XW14I WEIDA-WCMC2016V1X-2XW14I Datasheet
135Kb / 5P
128K x 16 Pseudo Static RAM DIE
More results


Similar Description - WCMC8016V9X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5P1632 SHARP-LH5P1632 Datasheet
89Kb / 10P
CMOS 512K (32K x 16) Pseudo-Static RAM
logo
Cypress Semiconductor
CY62157CV25 CYPRESS-CY62157CV25 Datasheet
277Kb / 13P
512K x 16 Static RAM
CY62157CV18 CYPRESS-CY62157CV18 Datasheet
264Kb / 11P
512K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMC1616V9X WEIDA-WCMC1616V9X Datasheet
217Kb / 13P
1Mb x 16 Pseudo Static RAM
logo
Cypress Semiconductor
CY62157CV30 CYPRESS-CY62157CV30 Datasheet
340Kb / 13P
512K x 16 Static RAM
CYK512K16SCCA CYPRESS-CYK512K16SCCA Datasheet
177Kb / 10P
8-Mbit (512K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24D816512DA ESMT-M24D816512DA Datasheet
261Kb / 13P
8-Mbit (512K x 16) Pseudo Static RAM
M24L48512DA ESMT-M24L48512DA Datasheet
283Kb / 12P
4-Mbit (512K x 8) Pseudo Static RAM
M24L816512DA ESMT-M24L816512DA Datasheet
315Kb / 12P
8-Mbit (512K x 16) Pseudo Static RAM
M24L816512SA ESMT-M24L816512SA Datasheet
332Kb / 14P
8-Mbit (512K x 16) Pseudo Static RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com