Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2323CDS Datasheet (PDF) - Vishay Siliconix

SI2323CDS Datasheet PDF - Vishay Siliconix
Part # SI2323CDS
Download  SI2323CDS Download
File Size   190.16 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 20 V (D-S) MOSFET

SI2323CDS Datasheet (PDF)

Go To PDF Page Download Datasheet
SI2323CDS Datasheet PDF - Vishay Siliconix

Part # SI2323CDS
Download  SI2323CDS Click to download

File Size   190.16 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 20 V (D-S) MOSFET

SI2323CDS Datasheet (HTML) - Vishay Siliconix


SI2323CDS Product details

• TrenchFET® Power MOSFET
• 100 % Rg Tested




Similar Part No. - SI2323CDS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2323CDS VISHAY-SI2323CDS Datasheet
167Kb / 4P
P-Channel 20 V (D-S) MOSFET
05-Apr-10
SI2323CDS VISHAY-SI2323CDS Datasheet
223Kb / 10P
P-Channel 20 V (D-S) MOSFET
30-Sep-13
logo
Shanghai Leiditech Elec...
SI2323CDS LEIDITECH-SI2323CDS Datasheet
2Mb / 5P
-20V P-Channel Enhancement Mode MOSFET
Rev : 01.07.2021
logo
TECH PUBLIC Electronics...
SI2323CDS TECHPUBLIC-SI2323CDS Datasheet
1Mb / 6P
20V P-Channel Enhancement Mode MOSFET
logo
Vishay Siliconix
SI2323CDS-T1-GE3 VISHAY-SI2323CDS-T1-GE3 Datasheet
223Kb / 10P
P-Channel 20 V (D-S) MOSFET
30-Sep-13
More results


Similar Description - SI2323CDS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1467DH VISHAY-SI1467DH Datasheet
142Kb / 7P
P-Channel 20-V (D-S) MOSFET
02-Jun-08
SI2323DS VISHAY-SI2323DS_08 Datasheet
96Kb / 6P
P-Channel 20-V (D-S) MOSFET
25-Aug-08
SI3443CDV VISHAY-SI3443CDV Datasheet
145Kb / 7P
P-Channel 20-V (D-S) MOSFET
05-Nov-07
logo
Analog Power
AM2305PE ANALOGPOWER-AM2305PE Datasheet
346Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM2325P ANALOGPOWER-AM2325P Datasheet
133Kb / 6P
P-Channel 20-V (D-S) MOSFET
AM3405P ANALOGPOWER-AM3405P Datasheet
224Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM3441P ANALOGPOWER-AM3441P Datasheet
206Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM4463P ANALOGPOWER-AM4463P Datasheet
194Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM40P02-20D ANALOGPOWER-AM40P02-20D Datasheet
144Kb / 3P
P-Channel 20-V (D-S) MOSFET
AM50P02-16D ANALOGPOWER-AM50P02-16D Datasheet
145Kb / 3P
P-Channel 20-V (D-S) MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com