Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2329DS Datasheet (PDF) - Vishay Siliconix

SI2329DS Datasheet PDF - Vishay Siliconix
Part # SI2329DS
Download  SI2329DS Download
File Size   196.31 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 8 V (D-S) MOSFET

SI2329DS Datasheet (PDF)

Go To PDF Page Download Datasheet
SI2329DS Datasheet PDF - Vishay Siliconix

Part # SI2329DS
Download  SI2329DS Click to download

File Size   196.31 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 8 V (D-S) MOSFET

SI2329DS Datasheet (HTML) - Vishay Siliconix


SI2329DS Product details

• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFET
• 100 % Rg Tested
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - SI2329DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2329DS VISHAY-SI2329DS Datasheet
178Kb / 4P
P-Channel 8 V (D-S) MOSFET
04-Jul-11
logo
TECH PUBLIC Electronics...
SI2329DS TECHPUBLIC-SI2329DS Datasheet
3Mb / 6P
20V P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SI2329DS-T1-GE3 VBSEMI-SI2329DS-T1-GE3 Datasheet
465Kb / 9P
P-Channel 20-V (D-S) MOSFET
More results


Similar Description - SI2329DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2305ADS VISHAY-SI2305ADS Datasheet
139Kb / 7P
P-Channel 8-V (D-S) MOSFET
10-Nov-08
SIB437EDKT VISHAY-SIB437EDKT Datasheet
177Kb / 8P
P-Channel 8 V (D-S) MOSFET
14-Feb-11
SI2305CDS VISHAY-SI2305CDS Datasheet
105Kb / 5P
P-Channel 8 V (D-S) MOSFET
07-Sep-09
SI2329DS VISHAY-SI2329DS Datasheet
178Kb / 4P
P-Channel 8 V (D-S) MOSFET
04-Jul-11
SI8469DB VISHAY-SI8469DB Datasheet
107Kb / 8P
P-Channel 8 V (D-S) MOSFET
08-Nov-10
SI2305CDS VISHAY-SI2305CDS_13 Datasheet
229Kb / 10P
P-Channel 8 V (D-S) MOSFET
29-Mar-10
SI1315DL-T1-GE3 VISHAY-SI1315DL-T1-GE3 Datasheet
248Kb / 11P
P-Channel 8 V (D-S) MOSFET
29-Nov-10
SI8439DB VISHAY-SI8439DB Datasheet
252Kb / 11P
P-Channel 8 V (D-S) MOSFET
20-Jul-15
SIA427ADJ VISHAY-SIA427ADJ Datasheet
231Kb / 9P
P-Channel 8 V (D-S) MOSFET
21-May-12
SI2305CD VISHAY-SI2305CD_V01 Datasheet
195Kb / 9P
P-Channel 8 V (D-S) MOSFET
29-Mar-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com