Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3473DDV Datasheet (PDF) - Vishay Siliconix

SI3473DDV Datasheet PDF - Vishay Siliconix
Part # SI3473DDV
Download  SI3473DDV Download
File Size   279.31 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 12 V (D-S) MOSFET

SI3473DDV Datasheet (PDF)

Go To PDF Page Download Datasheet
SI3473DDV Datasheet PDF - Vishay Siliconix

Part # SI3473DDV
Download  SI3473DDV Click to download

File Size   279.31 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 12 V (D-S) MOSFET

SI3473DDV Datasheet (HTML) - Vishay Siliconix


SI3473DDV Product details

• TrenchFET® Gen III p-channel power MOSFET
• RDS(on) rating at VGS = -1.8 V
• 100 % Rg and UIS tested




Similar Part No. - SI3473DDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3473DV VISHAY-SI3473DV Datasheet
45Kb / 5P
P-Channel 12-V (D-S) MOSFET
25-Nov-02
logo
VBsemi Electronics Co.,...
SI3473DV-T1-GE3 VBSEMI-SI3473DV-T1-GE3 Datasheet
440Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - SI3473DDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
P-Channel 12-V (D-S) MOSFET
05-Aug-02
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
P-Channel 12-V (D-S) MOSFET
21-Mar-05
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
P-Channel 12-V (D-S) MOSFET
23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
P-Channel 12-V (D-S) MOSFET
07-Jul-03
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
P-Channel 12-V (D-S) MOSFET
23-Jun-08
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
P-Channel 12 V (D-S) MOSFET
19-Jul-10
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
P-Channel 12-V (D-S) MOSFET
16-Nov-09
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
P-Channel 12-V (D-S) MOSFET
02-Feb-09
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
P-Channel 12 V (D-S) MOSFET
29-Aug-16
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
P-Channel 12-V (D-S) MOSFET
02-Feb-09
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com