| Electronic Components Datasheet Search |
|
P041-008 Datasheet (PDF) - Tripp Lite. All Rights Reserved |
P041-008 Datasheet (PDF) |
|
Download Datasheet |
| Part # | P041-008 |
| Download | P041-008 Click to download |
| File Size | 165.02 Kbytes |
| Page | 3 Pages |
| Manufacturer | TRIPPLITE [Tripp Lite. All Rights Reserved] |
| Direct Link | http://www.tripplite.com/ |
| Logo | |
| Description | Power Extension Cord, NEMA L6-30P to NEMA L6-30R - Heavy-Duty, 30A, 250V, 10 AWG, 8 ft. (2.43 m), Black |
P041-008 Datasheet (HTML) - Tripp Lite. All Rights Reserved |
Similar Part No. - P041-008 |
|
Similar Description - P041-008 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |