Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62202AFG Datasheet (PDF) - Toshiba Semiconductor

TB62202AFG Datasheet PDF - Toshiba Semiconductor
Part # TB62202AFG
Download  TB62202AFG Download
File Size   1248.99 Kbytes
Page   84 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Dual-Stepping Motor Driver IC for OA Equipment Using PWM Chopper Type

TB62202AFG Datasheet (PDF)

Go To PDF Page Download Datasheet
TB62202AFG Datasheet PDF - Toshiba Semiconductor

Part # TB62202AFG
Download  TB62202AFG Click to download

File Size   1248.99 Kbytes
Page   84 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Dual-Stepping Motor Driver IC for OA Equipment Using PWM Chopper Type

TB62202AFG Datasheet (HTML) - Toshiba Semiconductor


TB62202AFG Product details

Dual-Stepping Motor Driver IC for OA Equipment Using PWM Chopper Type
   
The TB62202AFG is a dual-stepping motor driver driven by chopper micro-step pseudo sine wave.
To drive two-phase stepping motors, Two pairs of 16-bit latch and shift registers are built in the IC. The IC is optimal for driving stepping motors at high efficiency and with low-torque ripple.
The IC supports Mixed Decay mode for switching the attenuation ratio at chopping. The switching time for the attenuation ratio can be switched in four stages according to the load.
   
Features
● Two stepping motors driven by micro−step pseudo sine wave
    are controlled by a single driver IC
● Monolithic Bi-CMOS IC
● Low ON-resistance of Ron = 1.2 Ω (Tj = 25°C @1.0 A: Typ.)
● Two pairs of built-in 16-bit shift and latch registers
● Two pairs of built-in 4-bit DA converters for micro steps
● Built-in ISD, TSD, VDD and VM power monitor (reset) circuit
    for protection
● Built-in charge pump circuit (two external capacitors)
● 36-pin power flat package (HSOP36-P-450-0.65)
● Output voltage: 40 V max
● Output current: 1.0 A/phase max
● Built-in Mixed Decay mode enables specification
    of four-stage attenuation ratio.
    (The attenuation ratio table can be overwritten externally.)
● Chopping frequency can be set by external resistors and capacitors.
    High-speed chopping possible at 100 kHz or
    higher.
   




Similar Part No. - TB62202AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62200 TOSHIBA-TB62200 Datasheet
2Mb / 56P
DUAL-STEPPING MOTOR DRIVER IC USING PWM CHOPPER TYPE
TB62200AF TOSHIBA-TB62200AF Datasheet
2Mb / 56P
DUAL-STEPPING MOTOR DRIVER IC USING PWM CHOPPER TYPE
TB62201AFG TOSHIBA-TB62201AFG Datasheet
1Mb / 89P
Dual-Stepping Motor Driver IC for OA Equipment Using PWM Chopper Type
04-Apr-2005
TB62206FG TOSHIBA-TB62206FG Datasheet
371Kb / 27P
BiCD PWM 2−Phase Bipolar Stepping Motor Driver
02-Mar-2005
TB62206FG TOSHIBA-TB62206FG_14 Datasheet
985Kb / 30P
BiCD PWM 2?뭁hase Bipolar Stepping Motor Driver
More results


Similar Description - TB62202AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62200AF TOSHIBA-TB62200AF Datasheet
2Mb / 56P
DUAL-STEPPING MOTOR DRIVER IC USING PWM CHOPPER TYPE
TB62209F TOSHIBA-TB62209F Datasheet
1Mb / 51P
Stepping Motor Driver IC Using PWM Chopper Type
TB62201AFG TOSHIBA-TB62201AFG Datasheet
1Mb / 89P
Dual-Stepping Motor Driver IC for OA Equipment Using PWM Chopper Type
04-Apr-2005
TB62209FG TOSHIBA-TB62209FG Datasheet
504Kb / 51P
Stepping Motor Driver IC Using PWM Chopper Type
TB62209FG TOSHIBA-TB62209FG_14 Datasheet
1Mb / 52P
Stepping Motor Driver IC Using PWM Chopper Type
TB62212FNG TOSHIBA-TB62212FNG Datasheet
487Kb / 32P
PWM Chopper Type Dual-Stepping Motor Driver
2014-10-01
TC78S121FNG TOSHIBA-TC78S121FNG Datasheet
695Kb / 30P
PWM Chopper Type Dual-Stepping Motor Driver
2017-09-15
TC78S121FTG TOSHIBA-TC78S121FTG Datasheet
668Kb / 30P
PWM Chopper Type Dual-Stepping Motor Driver
2017-09-15
TC78S122FNG TOSHIBA-TC78S122FNG Datasheet
620Kb / 31P
PWM Chopper Type Dual-Stepping Motor Driver
2017-09-15
TC78S122FTG TOSHIBA-TC78S122FTG Datasheet
632Kb / 31P
PWM Chopper Type Dual-Stepping Motor Driver
2017-09-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com