| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX5858
|
809Kb / 23P |
Dual, 10-Bit, 300Msps, Current-Output DAC with 4x/2x/1x Interpolation Filters
Rev 0; 7/03 |
 Summit Microelectronics... |
SMP9210
|
171Kb / 10P |
Dual 10-bit Nonvolatile DAC
|
 Maxim Integrated Produc... |
MAX5852
|
1Mb / 18P |
Dual, 8-Bit, 165Msps, Current-Output DAC
Rev 0; 4/04 |
|
MAX5854
|
446Kb / 18P |
Dual, 10-Bit, 165Msps, Current-Output DAC
Rev 0; 2/04 |
|
MAX5548
|
296Kb / 15P |
Dual, 8-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05 |
|
MAX5550
|
397Kb / 15P |
Dual, 10-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05 |
|
DS4432
|
217Kb / 9P |
Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08 |
|
MAX5547
|
274Kb / 12P |
Dual, 10-Bit, Current-Sink Output DAC
Rev 2; 7/09 |
 Texas Instruments |
DAC2932
|
1Mb / 30P |
Dual, 12-Bit, 40MSPS Current Output DAC, Four 12-bit Voltage Output DAC-for Tranamit Control
|
 Linear Technology |
LTC1427-50
|
211Kb / 8P |
Micropower, 10-Bit Current Output DAC with SMBus Serial Interface
|