Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2000-1391 Datasheet (PDF) - WAGO Kontakttechnik GmbH & Co. KG

2000-1391 Datasheet PDF - WAGO Kontakttechnik GmbH & Co. KG
Part # 2000-1391
Download  2000-1391 Download
File Size   102.01 Kbytes
Page   3 Pages
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG
Description End and intermediate plate; 0.7 mm thick; gray

2000-1391 Datasheet (PDF)

Go To PDF Page Download Datasheet
2000-1391 Datasheet PDF - WAGO Kontakttechnik GmbH & Co. KG

Part # 2000-1391
Download  2000-1391 Click to download

File Size   102.01 Kbytes
Page   3 Pages
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG
Description End and intermediate plate; 0.7 mm thick; gray

2000-1391 Datasheet (HTML) - WAGO Kontakttechnik GmbH & Co. KG




Similar Part No. - 2000-1391

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2000-1392 WAGO-2000-1392 Datasheet
111Kb / 3P
End and intermediate plate; 0.7 mm thick; orange
24.11.2021
More results


Similar Description - 2000-1391

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2000-1291 WAGO-2000-1291 Datasheet
92Kb / 3P
End and intermediate plate; 0.7 mm thick; gray
24.11.2021
2000-1292 WAGO-2000-1292 Datasheet
100Kb / 3P
End and intermediate plate; 0.7 mm thick; orange
24.11.2021
2110-1291 WAGO-2110-1291 Datasheet
102Kb / 3P
End and intermediate plate; 1 mm thick; gray
24.11.2021
2000-1392 WAGO-2000-1392 Datasheet
111Kb / 3P
End and intermediate plate; 0.7 mm thick; orange
24.11.2021
2000-1491 WAGO-2000-1491 Datasheet
90Kb / 3P
End and intermediate plate; 0.7 mm thick; gray
24.11.2021
2000-1492 WAGO-2000-1492 Datasheet
98Kb / 3P
End and intermediate plate; 0.7 mm thick; orange
24.11.2021
2000-2195 WAGO-2000-2195 Datasheet
53Kb / 3P
End and intermediate plate; 0.7 mm thick; gray
24.11.2021
2000-2196 WAGO-2000-2196 Datasheet
57Kb / 3P
End and intermediate plate; 0.7 mm thick; orange
24.11.2021
2000-2291 WAGO-2000-2291 Datasheet
53Kb / 3P
End plate; 0.7 mm thick; gray
24.11.2021
2050-1291 WAGO-2050-1291 Datasheet
70Kb / 2P
End and intermediate plate; 1.1 mm thick; gray
24.11.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com