| Manufacturer | Part # | Datasheet | Description |
 Analog Devices |
ADT7408
|
459Kb / 24P |
-2 C Accurate, 12-Bit Digital Temperature Sensor
3/06-Revision 0 |
 Maxim Integrated Produc... |
MAX6690
|
154Kb / 16P |
2°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 4/09 |
 ATMEL Corporation |
AT24MAC402
|
1Mb / 28P |
I2C-Compatible (2-wire) 2-Kbit Serial EEPROM
|
 Texas Instruments |
BQ2028
|
892Kb / 26P |
4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor
|
|
TMP1826
|
2Mb / 71P |
TMP1826 Single-Wire, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
REVISED SEPTEMBER 2022 |
|
TMP1827
|
2Mb / 68P |
TMP1827 Single-Wire, ±0.3°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2-kbit EEPROM
SEPTEMBER 2022 |
|
TMP1826
|
2Mb / 69P |
TMP1826 1-Wire®, ±0.3°C Accurate Temperature Sensor With 2-kbit EEPROM
REVISED DECEMBER 2022 |
|
TMP1826
|
2Mb / 72P |
TMP1826 1-Wire®, ±0.2°C Accurate Temperature Sensor With 2Kb EEPROM
REVISED MAY 2023 |
|
TMP1827
|
2Mb / 65P |
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
EVISED MAY 2023 |
|
TMP1827
|
2Mb / 67P |
TMP1827 1-Wire®, ±0.2°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2Kb EEPROM
REVISED MAY 2023 |