Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS78LXX Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AS78LXX Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AS78LXX
Download  AS78LXX Download
File Size   175.44 Kbytes
Page   15 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 100mA POSITIVE VOLTAGE REGULATOR

AS78LXX Datasheet (PDF)

Go To PDF Page Download Datasheet
AS78LXX Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AS78LXX
Download  AS78LXX Click to download

File Size   175.44 Kbytes
Page   15 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 100mA POSITIVE VOLTAGE REGULATOR

AS78LXX Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AS78LXX Product details

General Description
The AS78LXX series are three terminal positive regulators designed for a wide variety of applications including local, on-card regulation.
This series of regulators are complete with internal current limiting, thermal shutdown protection, and safe-area compensation which make them virtually immune from output overload. If adequate heat sinking are provided, these regulators can deliver output currents up to 100mA.
The AS78LXX series are available in TO-92 (bulk or ammo packing), SOT-89 and SOIC-8 packages.

Features
• Output Current up to 100mA
• Fixed Output Voltages of 5V, 12V, 15V, 18V and 24V
• Output Voltage Accuracy of ±5% over the Full Temperature Range
• Internal Short Circuit Current Limiting
• Internal Thermal Overload Protection
• No External Components
• Output Transistor Safe-area Protection

Applications
• Consumer Electronics
• Microprocessor Power Supply
• Mother Board




Similar Part No. - AS78LXX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS78LXX DIODES-AS78LXX Datasheet
402Kb / 17P
100mA POSITIVE VOLTAGE REGULATOR
Rev 3
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
100mA POSITIVE VOLTAGE REGULATOR
More results


Similar Description - AS78LXX

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
100mA POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00 Datasheet
524Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
logo
TAITRON Components Inco...
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
100mA Adustable Positive Voltage Regulator
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
100mA Positive Voltage Regulator
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
100mA Adjustable Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
100mA Positive Voltage Regulator
VER1.5
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
100mA POSITIVE VOLTAGE REGULATOR
logo
Diodes Incorporated
AS78LXX DIODES-AS78LXX Datasheet
402Kb / 17P
100mA POSITIVE VOLTAGE REGULATOR
Rev 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com