| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTMFS0D8N02P1E
|
147Kb / 7P |
MOSFET - Power, Single N-Channel, SO8-FL 25 V, 0.68 m, 365 A
March, 2020 ??Rev. 0 |
|
NTMFS0D55N03CG
|
139Kb / 6P |
MOSFET - Power, Single N-Channel, SO8-FL 30 V, 0.58 m, 462 A
June, 2020 ??Rev. 1 |
|
NTMFS0D5N03C
|
181Kb / 7P |
MOSFET - Power, Single N-Channel, SO8-FL
April, 2021 ??Rev. 2 |
|
NTMFS0D6N03C
|
183Kb / 7P |
MOSFET - Power, Single N-Channel, SO8-FL
April, 2021 ??Rev. 2 |
|
NTMFS002P03P8Z
|
179Kb / 7P |
MOSFET - Power, Single P-Channel, SO8-FL -30 V, 1.4 m, -263 A
January, 2021 ??Rev. 1 |
|
NTMFS003P03P8Z
|
203Kb / 8P |
MOSFET - Power, Single P-Channel, SO8-FL -30 V, 1.8 m, -234 A
August, 2020 ??Rev. 0 |
|
NTMFS0D7N03CG
|
218Kb / 7P |
MOSFET - Power, Single N-Channel, SO8-FL 30 V, 0.65 m, 409 A
June, 2021 ??Rev. 6 |
|
NTMFS0D9N03CG
|
166Kb / 7P |
MOSFET - Power, Single N-Channel, SO8-FL 30 V, 0.9 m, 298 A
November, 2021 ??Rev. 5 |
|
NTMFS1D15N03CG
|
185Kb / 7P |
MOSFET - Power, Single N-Channel, SO8-FL 30 V, 1.15 m, 245 A
April, 2021 ??Rev. 6 |
|
NVMFS003P03P8Z
|
172Kb / 8P |
MOSFET - Power, Single P-Channel, SO8-FL -30 V, 1.8 m, -234 A
November, 2021-Rev. 1 |