Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C64B Datasheet (PDF) - Integrated Silicon Solution, Inc

IS61C64B Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS61C64B
Download  IS61C64B Download
File Size   44.77 Kbytes
Page   9 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 8K x 8 HIGH-SPEED CMOS STATIC RAM

IS61C64B Datasheet (PDF)

Go To PDF Page Download Datasheet
IS61C64B Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS61C64B
Download  IS61C64B Click to download

File Size   44.77 Kbytes
Page   9 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 8K x 8 HIGH-SPEED CMOS STATIC RAM

IS61C64B Datasheet (HTML) - Integrated Silicon Solution, Inc


IS61C64B Product details

DESCRIPTION
The ISSI IS61C64B is a very high-speed, low power, 8192-word by 8-bit static RAM. It is fabricated using ISSIs high-performance CMOS technology. This highly reliable process coupled with innovative circuit design techniques, yields access times as fast as 10 ns with low power consumption.

FEATURES
• High-speed access time: 10, 12, and 15 ns
• Automatic power-down when chip is deselected
• CMOS low power operation
    — 450 mW (typical) operating
    — 250 µW (typical) standby
• TTL compatible interface levels
• Single 5V power supply
• Fully static operation: no clock or refresh required
• Three state outputs
• One Chip Enables (CE) for increased speed




Similar Part No. - IS61C64B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-10K ISSI-IS61C6416-10K Datasheet
487Kb / 9P
64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-10T ISSI-IS61C6416-10T Datasheet
487Kb / 9P
64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-12K ISSI-IS61C6416-12K Datasheet
487Kb / 9P
64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-12KI ISSI-IS61C6416-12KI Datasheet
487Kb / 9P
64K x 16 HIGH-SPEED CMOS STATIC RAM
More results


Similar Description - IS61C64B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
CMOS 64K (8K x 8) Static RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
8K X 8 CMOS STATIC RAM
W2465A WINBOND-W2465A Datasheet
207Kb / 9P
8K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61C64AH ICSI-IS61C64AH Datasheet
433Kb / 8P
8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C64AL ISSI-IS61C64AL Datasheet
96Kb / 13P
8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2464A WINBOND-W2464A Datasheet
441Kb / 10P
8K * 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C165 PYRAMID-P4C165 Datasheet
178Kb / 9P
ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61C64AL_0610 ISSI-IS61C64AL_0610 Datasheet
104Kb / 13P
8K x 8 HIGH-SPEED CMOS STATIC RAM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com