Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2120 Datasheet (PDF) - Anpec Electronics Coropration

APA2120 Datasheet PDF - Anpec Electronics Coropration
Part # APA2120
Download  APA2120 Download
File Size   248.87 Kbytes
Page   30 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Stereo 2-W Audio Power Amplifier (with DC_Volume Control)

APA2120 Datasheet (PDF)

Go To PDF Page Download Datasheet
APA2120 Datasheet PDF - Anpec Electronics Coropration

Part # APA2120
Download  APA2120 Click to download

File Size   248.87 Kbytes
Page   30 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Stereo 2-W Audio Power Amplifier (with DC_Volume Control)

APA2120 Datasheet (HTML) - Anpec Electronics Coropration


APA2120 Product details

General Description
APA2120/1 is a monolithic integrated circuit, which provides precise DC volume control, and a stereo bridged audio power amplifiers capable of producing 2.7W(2.0W) into 3Ω with less than 10% (1.0%) THD+N. The attenuator range of the volume control in APA2120/1 is from 20dB (DC_Vol=0V) to -80dB (DC_Vol=3.54V) with 32 steps.

Features
• Low operating current with 14mA
• Improved depop circuitry to eliminate turn-on and turn off transients in outputs
• High PSRR
• 32 steps volume adjustable by DC voltage with hysteresis
• 2W per channel output power into 4Ω load at 5V, BTL mode
• Two output modes allowable with BTL and SE modes selected by SE/BTL pin
• Low current consumption in shutdown mode (50µA)
• Short Circuit Protection
• Power off depop circuit integration
• TSSOP-24 with or without thermal pad package

Applications
• NoteBook PC
• LCD Monitor or TV




Similar Part No. - APA2120

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2120 ANPEC-APA2120 Datasheet
417Kb / 27P
Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2120RI-TRG ANPEC-APA2120RI-TRG Datasheet
417Kb / 27P
Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
More results


Similar Description - APA2120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068 Datasheet
495Kb / 27P
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2065 ANPEC-APA2065 Datasheet
451Kb / 25P
Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com