Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS6H858N Datasheet (PDF) - ON Semiconductor

NTMFS6H858N Datasheet PDF - ON Semiconductor
Part # NTMFS6H858N
Download  NTMFS6H858N Download
File Size   187.79 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel 80 V, 20.7 m, 32 A

NTMFS6H858N Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMFS6H858N Datasheet PDF - ON Semiconductor

Part # NTMFS6H858N
Download  NTMFS6H858N Click to download

File Size   187.79 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel 80 V, 20.7 m, 32 A

NTMFS6H858N Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTMFS6H858N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS6H858NL ONSEMI-NTMFS6H858NL Datasheet
198Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 19.5 m, 30 A
January, 2020-Rev. 0
NTMFS6H858NLT1G ONSEMI-NTMFS6H858NLT1G Datasheet
198Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 19.5 m, 30 A
January, 2020-Rev. 0
More results


Similar Description - NTMFS6H858N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS006N08MC ONSEMI-NTMFS006N08MC Datasheet
205Kb / 7P
MOSFET - Power, Single N-Channel, PQFN8 80 V, 32 A
April, 2020 ??Rev. 1
NTMFS6H836N ONSEMI-NTMFS6H836N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2
NTMFS6H836NL ONSEMI-NTMFS6H836NL Datasheet
184Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.2 m, 77 A
December, 2019-Rev. 0
NTMFSC011N08M7 ONSEMI-NTMFSC011N08M7 Datasheet
304Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 10 m, 61 A
October, 2021-Rev. 2
NTMTS1D2N08H ONSEMI-NTMTS1D2N08H Datasheet
475Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 1.1 m, 335 A
July, 2020 - Rev. 1
NTMTS1D5N08H ONSEMI-NTMTS1D5N08H Datasheet
475Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 1.5 m, 255 A
July, 2020 ??Rev. 1
NTTFS6H880N ONSEMI-NTTFS6H880N Datasheet
209Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 32 m, 22 A
June, 2020 ??Rev. 1
NVTFS6H854NL ONSEMI-NVTFS6H854NL Datasheet
279Kb / 8P
MOSFET - Power, Single N-Channel 80 V, 13.4 m, 41 A
November, 2020-Rev. 1
NVTFS6H888N ONSEMI-NVTFS6H888N Datasheet
210Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 55 m, 13 A
June, 2020 ??Rev. 1
NVMFS6H858N ONSEMI-NVMFS6H858N Datasheet
189Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 20.7 m, 32 A
June, 2020 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com