Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-751 Datasheet (PDF) - Vectron International, Inc

VS-751 Datasheet PDF - Vectron International, Inc
Part # VS-751
Download  VS-751 Download
File Size   255.7 Kbytes
Page   7 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Dual Frequency VCSO

VS-751 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-751 Datasheet PDF - Vectron International, Inc

Part # VS-751
Download  VS-751 Click to download

File Size   255.7 Kbytes
Page   7 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Dual Frequency VCSO

VS-751 Datasheet (HTML) - Vectron International, Inc


VS-751 Product details

Description
The VS-751 is a SAW based voltage controlled oscillator that operates at the fundamental frequencies of the internal SAW filters. These SAW filters are high-Q quartz devices that enable the circuit to achieve low phase jitter performance over a wide operating temperature range. The dual oscillator is housed in a hermetically sealed leadless surface mount package offered on tape and reel. It has a frequency select function that enables either “Frequency 1” or “Frequency 2.”

Features
• 5 x 7.5 x 2.5 mm Package
• Output Frequencies from 500 MHz to 850 MHz
• 3.3 V Operation
• Low Jitter < 0.25 ps-rms across 50 kHz to 80 MHz
• LV-PECL Configuration with Fast Transition Times
• Complementary Outputs
• Frequency Select
• Patent Pending Technology
• P/b Product is free of lead and compliant to EC RoHS Directive




Similar Part No. - VS-751

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
501Kb / 8P
Dual Frequency VCSO
VS-751 VECTRON-VS-751_09 Datasheet
501Kb / 8P
Dual Frequency VCSO
More results


Similar Description - VS-751

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-550 VECTRON-VS-550 Datasheet
146Kb / 7P
DUAL FREQUENCY VCSO
VS-750 VECTRON-VS-750 Datasheet
263Kb / 7P
Dual Frequency VCSO
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
Dual Frequency VCSO
VS-709 VECTRON-VS-709 Datasheet
719Kb / 9P
Dual Frequency VCSO
VS-751 VECTRON-VS-751_09 Datasheet
501Kb / 8P
Dual Frequency VCSO
VS-509 VECTRON-VS-509 Datasheet
200Kb / 9P
Dual Frequency VCSO
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
Dual Frequency VCSO
VS-709 VECTRON-VS-709_12 Datasheet
719Kb / 9P
Dual Frequency VCSO
VS402 VECTRON-VS402 Datasheet
569Kb / 6P
Dual Frequency VCSO
VS-504 VECTRON-VS-504 Datasheet
872Kb / 6P
Dual Frequency VCSO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com