Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMX-C191 Datasheet (PDF) - Agilent(Hewlett-Packard)

HSMX-C191 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HSMX-C191
Download  HSMX-C191 Download
File Size   221.39 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Profile ChipLED

HSMX-C191 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSMX-C191 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HSMX-C191
Download  HSMX-C191 Click to download

File Size   221.39 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Profile ChipLED

HSMX-C191 Datasheet (HTML) - Agilent(Hewlett-Packard)


HSMX-C191 Product details

Description
These chip LEDs are designed in an industry standard package for ease of handling and use. Various different LED colors are available in nine compact, single color packages.

Features
• Small Size
• Industry Standard Footprint
• Compatible with IR Solder
• Diffused Optics
• Operating Temperature Range of -30°C to +85°C
• Right Angle & Reverse Mount Package Available
• Various Colors Available
• Available in 8 mm Tape on 7 in. (178 mm) Diameter Reels

Applications
• Keypad Backlighting
• Push-Button Backlighting
• LCD Backlighting
• Symbol Backlighting
• Front Panel Indicator




Similar Part No. - HSMX-C191

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMX-C191 HP-HSMX-C191 Datasheet
229Kb / 8P
SMT ChipLEDs
HSMX-C191 HP-HSMX-C191 Datasheet
310Kb / 13P
Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-C191 AVAGO-HSMX-C191 Datasheet
420Kb / 11P
High Performance ChipLED
More results


Similar Description - HSMX-C191

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGQ971 SIEMENS-LGQ971 Datasheet
54Kb / 6P
CHIPLED
LGR971 SIEMENS-LGR971 Datasheet
52Kb / 6P
CHIPLED
LYR970 SIEMENS-LYR970 Datasheet
60Kb / 6P
CHIPLED
LYR976 SIEMENS-LYR976 Datasheet
33Kb / 6P
CHIPLED
logo
OSRAM GmbH
LOR971 OSRAM-LOR971 Datasheet
108Kb / 10P
CHIPLED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-CA00 AVAGO-ASMT-CA00 Datasheet
243Kb / 6P
AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
ASMT-CB00 AVAGO-ASMT-CB00 Datasheet
305Kb / 7P
InGaN Blue, 0.4mm Low Profile Right Angle Surface Mount ChipLED
ASMT-CW00 AVAGO-ASMT-CW00 Datasheet
333Kb / 7P
InGaN White, 0.4mm Low Profile Right Angle Surface Mount ChipLED
logo
Broadcom Corporation.
ASMT-CR00 BOARDCOM-ASMT-CR00 Datasheet
338Kb / 6P
AlInGaP Red 0.4mm Low Profile Right Angle Surface Mount ChipLED
ASMT-CA00 BOARDCOM-ASMT-CA00 Datasheet
334Kb / 6P
AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com