Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6854 Datasheet (PDF) - Maxim Integrated Products

MAX6854 Datasheet PDF - Maxim Integrated Products
Part # MAX6854
Download  MAX6854 Download
File Size   791.59 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer

MAX6854 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6854 Datasheet PDF - Maxim Integrated Products

Part # MAX6854
Download  MAX6854 Click to download

File Size   791.59 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer

MAX6854 Datasheet (HTML) - Maxim Integrated Products


MAX6854 Product details

General Description
The MAX6854/MAX6855/MAX6856/MAX6858/MAX6860–MAX6869 ultra-low-current (170nA, typ) microprocessor (µP) supervisory circuits combine voltage monitoring, watchdog timer, and manual reset input functions in a 5- pin SOT23 package. These devices assert a reset signal whenever the monitored voltage drops below the factorytrimmed reset threshold voltage, manual reset is asserted, or the watchdog timer expires. The reset output remains asserted for a minimum timeout period after VCC rises above the reset threshold and manual reset is deasserted. Factory-trimmed reset threshold voltages are offered from +1.575V to +4.625V in approximately 100mV increments (see the Threshold Suffix Guide). Each device is offered with six minimum reset timeout options, ranging from 10ms to 1200ms.

Features
♦ Ultra-Low 170nA (typ) Supply Current
♦ Reset Thresholds from +1.575V to +4.625V in Approximately 100mV Increments
♦ Six Minimum Reset Timeout Period Options from 10ms to 1200ms
♦ Manual Reset Option
♦ Watchdog Timer Option
♦ Pin-Selectable 10ms/150ms (min) Reset Timeout Period (MAX6861/MAX6862/MAX6863)
♦ Immune to Short VCC Transients
♦ Guaranteed Reset Valid to VCC = +1.1V
♦ Three Reset Output Options:
   Push-Pull RESET
   Push-Pull RESET
   Open-Drain RESET
♦ No External Components
♦ Small 5-Pin SOT23 Package
♦ Pin Compatible to the TPS3836/TPS3837/TPS3838 (MAX6861/MAX6862/MAX6863)

Applications
   Portable/Battery-Powered Equipment
   PDAs/Cell Phones
   MP3 Players/Pagers
   Glucose Monitors/Patient Monitors




Similar Part No. - MAX6854

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6854 MAXIM-MAX6854 Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK23D3 MAXIM-MAX6854UK23D3 Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results


Similar Description - MAX6854

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
14-Jun-04
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Maxim Integrated Produc...
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com