Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUG80050E Datasheet (PDF) - Vishay Siliconix

SUG80050E Datasheet PDF - Vishay Siliconix
Part # SUG80050E
Download  SUG80050E Download
File Size   203.71 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 150 V (D-S) 175 °C MOSFET

SUG80050E Datasheet (PDF)

Go To PDF Page Download Datasheet
SUG80050E Datasheet PDF - Vishay Siliconix

Part # SUG80050E
Download  SUG80050E Click to download

File Size   203.71 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 150 V (D-S) 175 °C MOSFET

SUG80050E Datasheet (HTML) - Vishay Siliconix


SUG80050E Product details

• ThunderFET® power MOSFET
• Low RDS - Qg figure-of-merit (FOM)
• Maximum 175 °C junction temperature
• 100 % Rg and UIS tested




Similar Part No. - SUG80050E

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
SUG01-P01 EVERLIGHT-SUG01-P01 Datasheet
178Kb / 8P
High Power Lamp
logo
Vishay Siliconix
SUG90090E VISHAY-SUG90090E Datasheet
214Kb / 10P
N-Channel 200 V (D-S) 175 °C MOSFET
17-Jul-17
SUG90090E-GE3 VISHAY-SUG90090E-GE3 Datasheet
214Kb / 10P
N-Channel 200 V (D-S) 175 °C MOSFET
17-Jul-17
logo
Zowie Technology Corpor...
SUGC08KH ZOWIE-SUGC08KH Datasheet
38Kb / 2P
Ultrafast Efficient Rectifier
logo
Nanjing International G...
SUGC10AH DGNJDZ-SUGC10AH Datasheet
139Kb / 2P
1 Amp Super Fast Recovery
More results


Similar Description - SUG80050E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP28N15-52 VISHAY-SUP28N15-52 Datasheet
49Kb / 4P
N-Channel 150-V (D-S) 175 C MOSFET
12-Aug-02
SUM23N15-73 VISHAY-SUM23N15-73 Datasheet
48Kb / 5P
N-Channel 150-V (D-S) 175 C MOSFET
24-Mar-03
SUM85N15-19 VISHAY-SUM85N15-19 Datasheet
63Kb / 5P
N-Channel 150-V (D-S) 175C MOSFET
08-Dec-03
SUM40N15-38 VISHAY-SUM40N15-38 Datasheet
40Kb / 5P
N-Channel 150-V (D-S) 175 C MOSFET
24-Mar-03
SQM85N15 VISHAY-SQM85N15 Datasheet
745Kb / 9P
Automotive N-Channel 150 V (D-S) 175 °C MOSFET
17-Oct-11
SUD80460E VISHAY-SUD80460E Datasheet
157Kb / 7P
N-Channel 150 V (D-S) 175 °C MOSFET
17-Oct-16
SUM85N15-19 VISHAY-SUM85N15-19_V01 Datasheet
75Kb / 6P
N-Channel 150-V (D-S) 175C MOSFET
08-Dec-03
SIDR578EP VISHAY-SIDR578EP Datasheet
183Kb / 7P
N-Channel 150 V (D-S) 175 °C MOSFET
13-Dec-2021
logo
VBsemi Electronics Co.,...
VBM1152N VBSEMI-VBM1152N Datasheet
375Kb / 6P
N-Channel 150-V (D-S) 175 °C MOSFET
VBM1154N VBSEMI-VBM1154N Datasheet
415Kb / 7P
N-Channel 150-V (D-S) 175 °C MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com