Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0622022802 Datasheet (PDF) - Molex Electronics Ltd.

0622022802 Datasheet PDF - Molex Electronics Ltd.
Part # 0622022802
Download  0622022802 Download
File Size   28.84 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Press-In Tool for 12.5 Gbps Coplanar

0622022802 Datasheet (PDF)

Go To PDF Page Download Datasheet
0622022802 Datasheet PDF - Molex Electronics Ltd.

Part # 0622022802
Download  0622022802 Click to download

File Size   28.84 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Press-In Tool for 12.5 Gbps Coplanar

0622022802 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 0622022802

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622022802 MOLEX1-0622022802 Datasheet
37Kb / 2P
EdgeLine CoPlanar Connector, 6 Gbps, 0.75mm Pitch, 1.57mm PCB Thickness
More results


Similar Description - 0622022802

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622018736 MOLEX11-0622018736 Datasheet
27Kb / 1P
Press-In Tool for 12.5 Gbps Edge Card Connector
0622018737 MOLEX11-0622018737 Datasheet
27Kb / 1P
Press-In Tool for 12.5 Gbps Coplanar
0621007100 MOLEX-0621007100 Datasheet
29Kb / 1P
Removal Tool for 12.5 Gbps Coplanar
06/25/2021
0621007200 MOLEX-0621007200 Datasheet
29Kb / 1P
Removal Tool for 12.5 Gbps Coplanar
06/26/2021
0621007400 MOLEX-0621007400 Datasheet
30Kb / 1P
Removal Tool for 12.5 Gbps Coplanar
04/01/2021
0621007500 MOLEX-0621007500 Datasheet
30Kb / 1P
Removal Tool for 12.5 Gbps Coplanar
04/01/2021
0621008400 MOLEX-0621008400 Datasheet
30Kb / 1P
12.5 Gbps Removal Tool
02/27/2021
0621007300 MOLEX-0621007300 Datasheet
29Kb / 1P
Removal Tool for 12.5 Gbps Coplanar
07/27/2021
0622022803 MOLEX-0622022803 Datasheet
30Kb / 2P
Press-In Tool for 12.5 Gbps Coplanar
06/26/2021
0622018737 MOLEX-0622018737 Datasheet
28Kb / 1P
Press-In Tool for 12.5 Gbps Coplanar
07/28/2021
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com