Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLDR5800 Datasheet (PDF) - Vishay Siliconix

TLDR5800 Datasheet PDF - Vishay Siliconix
Part # TLDR5800
Download  TLDR5800 Download
File Size   183.85 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Intensity LED, Ø 5 mm Clear Package

TLDR5800 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLDR5800 Datasheet PDF - Vishay Siliconix

Part # TLDR5800
Download  TLDR5800 Click to download

File Size   183.85 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Intensity LED, Ø 5 mm Clear Package

TLDR5800 Datasheet (HTML) - Vishay Siliconix


TLDR5800 Product details

• Exceptional brightness
(IVtyp = 2500 mcd at IF = 20 mA)
• Narrow viewing angle (ϕ = ± 4°)
• Low forward voltage
• 5 mm (T-1¾") clear package
• Very high intensity even at low drive currents
• Deep red color
• Categorized for luminous intensi




Similar Part No. - TLDR5800

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR5800 VISHAY-TLDR5800 Datasheet
78Kb / 5P
High Intensity LED in 5 mm Clear Package
04-Feb-99
TLDR5800 VISHAY-TLDR5800 Datasheet
183Kb / 6P
High Intensity LED, Ø 5 mm Clear Package
16-Mar-15
TLDR5800-AS12Z VISHAY-TLDR5800-AS12Z Datasheet
183Kb / 6P
High Intensity LED, Ø 5 mm Clear Package
16-Mar-15
TLDR5800 VISHAY-TLDR5800_V02 Datasheet
183Kb / 6P
High Intensity LED, Ø 5 mm Clear Package
16-Mar-15
More results


Similar Description - TLDR5800

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR5800 VISHAY-TLDR5800 Datasheet
78Kb / 5P
High Intensity LED in 5 mm Clear Package
04-Feb-99
TLDR4901 VISHAY-TLDR4901_V01 Datasheet
110Kb / 5P
High Intensity LED in Ø 3 mm Clear Package
10-Dec-15
TLDR5400 VISHAY-TLDR5400_V02 Datasheet
551Kb / 5P
High Intensity LED, Ø 5 mm Tinted Diffused Package
29-Apr-13
TLDR5800 VISHAY-TLDR5800_V02 Datasheet
183Kb / 6P
High Intensity LED, Ø 5 mm Clear Package
16-Mar-15
TLDR6400 VISHAY-TLDR6400_V02 Datasheet
480Kb / 5P
High Intensity LED, Ø 5 mm Tinted Diffused Package
29-Apr-13
TLDR6800 VISHAY-TLDR6800 Datasheet
162Kb / 6P
High Intensity LED, Ø 5 mm Clear Package
16-Mar-15
TLHE5800 VISHAY-TLHE5800_V02 Datasheet
447Kb / 4P
High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
29-Apr-13
TLHF4900 VISHAY-TLHF4900_V02 Datasheet
108Kb / 5P
High Intensity LED in Ø 3 mm Clear Package
18-Apr-17
TLHK5100 VISHAY-TLHK5100_V01 Datasheet
204Kb / 5P
High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
06-May-2022
TLHK5800 VISHAY-TLHK5800_V02 Datasheet
109Kb / 5P
High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
29-Apr-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com