Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLUR44K1L2 Datasheet (PDF) - Vishay Siliconix

TLUR44K1L2 Datasheet PDF - Vishay Siliconix
Part # TLUR44K1L2
Download  TLUR44K1L2 Download
File Size   107.39 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Universal LED in Ø 3 mm Tinted Diffused Package

TLUR44K1L2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLUR44K1L2 Datasheet PDF - Vishay Siliconix

Part # TLUR44K1L2
Download  TLUR44K1L2 Click to download

File Size   107.39 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Universal LED in Ø 3 mm Tinted Diffused Package

TLUR44K1L2 Datasheet (HTML) - Vishay Siliconix


TLUR44K1L2 Product details

• For DC and pulse operation
• Luminous intensity categorized
• Standard Ø 3 mm (T-1) package
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B




Similar Part No. - TLUR44K1L2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLUR44K1L2 VISHAY-TLUR44K1L2 Datasheet
102Kb / 4P
For DC and pulse operation
14-Oct-14
More results


Similar Description - TLUR44K1L2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLUR440 VISHAY-TLUR440 Datasheet
117Kb / 5P
Universal LED in 3 mm Tinted Diffused Package
14-Jun-06
TLLG4401 VISHAY-TLLG4401 Datasheet
1,004Kb / 9P
Low Current LED in Ø 3 mm Tinted Diffused Package
24-Apr-13
TLUO2401 VISHAY-TLUO2401 Datasheet
416Kb / 8P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
05-Jul-2022
TLDR4400 VISHAY-TLDR4400_V02 Datasheet
108Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHF4601 VISHAY-TLHF4601_V01 Datasheet
106Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLHK46Q1R2 VISHAY-TLHK46Q1R2_V02 Datasheet
105Kb / 5P
High Intensity LED in Ø 3 mm Tinted Diffused Package
14-Oct-14
TLUG240 VISHAY-TLUG240_V02 Datasheet
416Kb / 8P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
05-Jul-2022
TLUR2401 VISHAY-TLUR2401_V02 Datasheet
761Kb / 5P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
22-Apr-13
TLUR4401 VISHAY-TLUR4401_V02 Datasheet
182Kb / 6P
Universal LED in Ø 3 mm Tinted Diffused Package
16-Mar-15
TLVG4200 VISHAY-TLVG4200_V01 Datasheet
155Kb / 7P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
05-Jul-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com