Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN2404K Datasheet (PDF) - Vishay Siliconix

TN2404K Datasheet PDF - Vishay Siliconix
Part # TN2404K
Download  TN2404K Download
File Size   192.9 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 240 V (D-S) MOSFET

TN2404K Datasheet (PDF)

Go To PDF Page Download Datasheet
TN2404K Datasheet PDF - Vishay Siliconix

Part # TN2404K
Download  TN2404K Click to download

File Size   192.9 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 240 V (D-S) MOSFET

TN2404K Datasheet (HTML) - Vishay Siliconix


TN2404K Product details

• Low On-Resistance: 4 Ω
• Secondary Breakdown Free: 260 V
• Low Power/Voltage Driven
• Low Input and Output Leakage
• Excellent Thermal Stability




Similar Part No. - TN2404K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TN2404K VISHAY-TN2404K Datasheet
62Kb / 5P
N-Channel 240 -V (D-S) MOSFET
04-Oct-04
TN2404K VISHAY-TN2404K Datasheet
226Kb / 9P
N-Channel 240 V (D-S) MOSFET
23-Jul-12
TN2404K VISHAY-TN2404K Datasheet
226Kb / 9P
N-Channel 240 V (D-S) MOSFET
23-Jul-12
TN2404K-T1 VISHAY-TN2404K-T1 Datasheet
62Kb / 5P
N-Channel 240 -V (D-S) MOSFET
04-Oct-04
TN2404K-T1-E3 VISHAY-TN2404K-T1-E3 Datasheet
226Kb / 9P
N-Channel 240 V (D-S) MOSFET
23-Jul-12
More results


Similar Description - TN2404K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
TN2410L VISHAY-TN2410L Datasheet
54Kb / 5P
N-Channel 240-V (D-S) MOSFETs
16-Jul-01
TN2404K VISHAY-TN2404K Datasheet
62Kb / 5P
N-Channel 240 -V (D-S) MOSFET
04-Oct-04
TN2460L VISHAY-TN2460L Datasheet
52Kb / 4P
N-Channel 240-V (D-S) MOSFET
16-Jul-01
VP2410L VISHAY-VP2410L Datasheet
42Kb / 4P
P-Channel 240-V (D-S) MOSFET
16-Jun-01
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
TN2404K-T1-E3 VISHAY-TN2404K-T1-E3 Datasheet
226Kb / 9P
N-Channel 240 V (D-S) MOSFET
23-Jul-12
SIA450DJ-T1-GE3 VISHAY-SIA450DJ-T1-GE3 Datasheet
195Kb / 9P
N-Channel 240-V (D-S) MOSFET
03-Mar-08
TN2404K-T1-GE3 VISHAY-TN2404K-T1-GE3 Datasheet
226Kb / 9P
N-Channel 240 V (D-S) MOSFET
23-Jul-12
SIA450DJ VISHAY-SIA450DJ Datasheet
109Kb / 7P
N-Channel 240-V (D-S) MOSFET
03-Mar-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com