Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSUS4400 Datasheet (PDF) - Vishay Siliconix

TSUS4400 Datasheet PDF - Vishay Siliconix
Part # TSUS4400
Download  TSUS4400 Download
File Size   113.26 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Emitting Diode, 950 nm, GaAs

TSUS4400 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSUS4400 Datasheet PDF - Vishay Siliconix

Part # TSUS4400
Download  TSUS4400 Click to download

File Size   113.26 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Emitting Diode, 950 nm, GaAs

TSUS4400 Datasheet (HTML) - Vishay Siliconix


TSUS4400 Product details

• Package type: leaded
• Package form: T-1
• Dimensions (in mm): ∅ 3
• Peak wavelength: λp = 950 nm
• High reliability
• Angle of half intensity: ϕ = ± 18°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors




Similar Part No. - TSUS4400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSUS4400 VISHAY-TSUS4400 Datasheet
81Kb / 5P
GaAs Infrared Emitting Diode in ø 3 mm (T–1) Package
20-May-99
TSUS4400 VISHAY-TSUS4400 Datasheet
108Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
05-Sep-08
TSUS4400 VISHAY-TSUS4400 Datasheet
108Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
01-Aug-14
TSUS4400 VISHAY-TSUS4400_08 Datasheet
108Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
05-Sep-08
TSUS4400 VISHAY-TSUS4400_14 Datasheet
108Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
01-Aug-14
More results


Similar Description - TSUS4400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CQY37N VISHAY-CQY37N_11 Datasheet
278Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
08-Mar-11
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
29-Jun-09
TSUS3400 VISHAY-TSUS3400 Datasheet
108Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
25-Aug-11
TSUS6202 VISHAY-TSUS6202 Datasheet
109Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
29-Sep-15
TSUS6402 VISHAY-TSUS6402 Datasheet
108Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
28-May-15
TSUS5200 VISHAY-TSUS5200_11 Datasheet
109Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
24-Aug-11
TSUS4300 VISHAY-TSUS4300_15 Datasheet
110Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
20-Oct-15
TSKS5400 VISHAY-TSKS5400_13 Datasheet
144Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
03-Sep-13
CQY37N VISHAY-CQY37N_V01 Datasheet
281Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
08-Mar-11
TSUS5402 VISHAY-TSUS5402_V01 Datasheet
118Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
18-Jan-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com