| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX8677C
|
360Kb / 21P |
1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Rev 0; 4/07 |
|
MAX8677A
|
356Kb / 21P |
1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Rev 1; 1/07 |
 Texas Instruments |
BQ24050
|
1Mb / 37P |
800mA Single Cell Li-Ion Battery Charger With Automatic Adaptor/USB Detection
|
|
BQ24616
|
1Mb / 34P |
JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
|
|
BQ24616
|
1Mb / 36P |
JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
|
|
BQ24171
|
2Mb / 35P |
JEITA Compliant Stand-Alone Switch-Mode Li-Ion and Li-Polymer Battery Charger with Integrated MOSFETs and Power Path Selector
|
 Maxim Integrated Produc... |
MAX77301
|
638Kb / 1P |
JEITA-Compliant, Li Charger with Smart Power Selector, Automatic Detection
Rev 0; 1/13 |
 Texas Instruments |
BQ24171
|
2Mb / 39P |
bq24171 JEITA-Compliant Stand-Alone, Switched-Mode Li-Ion and Li-Polymer Battery Charger With Integrated MOSFETs and Power Path Selector
|
 Maxim Integrated Produc... |
MAX8895V
|
4Mb / 45P |
Li-Ion Chargers with Smart Power Selector, Adapter Type Detection, and USB Enumeration
Rev 4 9/12 |
|
MAX14746
|
1Mb / 41P |
USB Detection with Smart Power Selector Li Chargers
2017 |