| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX16907
|
2Mb / 17P |
36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11 |
|
MAX16909
|
2Mb / 18P |
36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11 |
|
MAX16977
|
2Mb / 17P |
36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11 |
|
MAX16974
|
2Mb / 19P |
High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
Rev 1; 7/11 |
|
MAX16909
|
2Mb / 18P |
36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12 |
|
MAX16952
|
1Mb / 24P |
36V, 2.2MHz Step-Down Controller with Low Operating Current
Rev 1; 10/12 |
|
MAX16936
|
2Mb / 17P |
36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current
Rev 1; 4/13 |
|
MAX16977
|
1Mb / 18P |
36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017 |
|
MAX16909
|
1Mb / 20P |
36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017 |
|
MAX16974
|
985Kb / 19P |
High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
2016 |