Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC762DB Datasheet (PDF) - Vishay Siliconix

SIC762DB Datasheet PDF - Vishay Siliconix
Part # SIC762DB
Download  SIC762DB Download
File Size   548.61 Kbytes
Page   18 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Integrated DrMOS Power Stage

SIC762DB Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC762DB Datasheet PDF - Vishay Siliconix

Part # SIC762DB
Download  SIC762DB Click to download

File Size   548.61 Kbytes
Page   18 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Integrated DrMOS Power Stage

SIC762DB Datasheet (HTML) - Vishay Siliconix


SIC762DB Product details

• Integrated Gen III MOSFETs and DrMOS
compliant gate driver IC
• Enables Vcore switching at 1 MHz
• Easily achieve > 90 % efficiency in multi-phase,
low output voltage solutions
• Low ringing on the VSWH pin reduces EMI
• Pin compatible with DrMOS 6 x 6 version 3.0
• Tri-state PWM input function prevents negative output
voltage swing
• 5 V logic levels on PWM
• MOSFET threshold voltage optimized for 5 V driver bias
supply
• Automatic skip mode operation (SMOD) for light load
efficiency
• Under-voltage lockout
• Built-in bootstrap schottky diode
• Adaptive deadtime and shoot through protection
• Thermal shutdown warning flag
• Low profile, thermally enhanced PowerPAK® MLP 6 x 6
40 pin package
• Halogen-free according to IEC 61249-2-21 definition
• Compliant to RoHS directive 2002/95/EC




Similar Part No. - SIC762DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC762DB VISHAY-SIC762DB Datasheet
542Kb / 18P
Integrated DrMOS Power Stage
08-Feb-10
More results


Similar Description - SIC762DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC762CD VISHAY-SIC762CD Datasheet
542Kb / 18P
Integrated DrMOS Power Stage
08-Feb-10
SIC769 VISHAY-SIC769 Datasheet
380Kb / 18P
Integrated DrMOS Power Stage
16-May-11
SIC779 VISHAY-SIC779 Datasheet
372Kb / 17P
Integrated DrMOS Power Stage
18-Apr-11
SIC780 VISHAY-SIC780 Datasheet
343Kb / 14P
Integrated DrMOS Power Stage
21-May-12
SIC770CD VISHAY-SIC770CD Datasheet
450Kb / 13P
DrMOS Integrated Power Stage
27-May-13
SIC772CD VISHAY-SIC772CD Datasheet
303Kb / 13P
DrMOS Integrated Power Stage
10-Jun-13
SIC769AC VISHAY-SIC769AC Datasheet
543Kb / 19P
Integrated DrMOS Power Stage
18-Jan-10
SIC769ACD VISHAY-SIC769ACD_V01 Datasheet
543Kb / 19P
Integrated DrMOS Power Stage
18-Jan-10
SIC779 VISHAY-SIC779_V01 Datasheet
378Kb / 17P
Integrated DrMOS Power Stage
18-Apr-11
SIC780 VISHAY-SIC780_V01 Datasheet
319Kb / 14P
Integrated DrMOS Power Stage
04-Aug-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com