| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NFAM2012L5BT
|
390Kb / 10P |
Intelligent Power Module (IPM) 1200 V, 20 A
October, 2019 ??Rev. P0 |
|
NFAM1012L5B
|
395Kb / 9P |
Intelligent Power Module (IPM) 1200 V, 10 A
December, 2019 ??Rev. P0 |
|
NFAM1012L5BT
|
346Kb / 9P |
Intelligent Power Module (IPM) 1200 V, 10 A
December, 2019 ??Rev. P0 |
|
NFAM2012L5B
|
487Kb / 9P |
Intelligent Power Module (IPM) 1200 V, 20 A
October, 2019 ??Rev. P0 |
|
NFAM0512L5BT
|
218Kb / 9P |
Intelligent Power Module (IPM) 1200 V, 5 A
March, 2020 ??Rev. P0 |
|
NFAP0560L3TT
|
582Kb / 14P |
Intelligent Power Module (IPM) 600 V, 5 A
January, 2021 ??Rev. 0 |
|
NFAQ0560R43T
|
654Kb / 15P |
Intelligent Power Module (IPM) 600 V, 5 A
February, 2021 ??Rev. 1 |
|
NFAM1512L7B
|
650Kb / 16P |
Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0 |
|
NFAM2512L7B
|
470Kb / 16P |
Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0 |
|
NFAM3512L7B
|
734Kb / 16P |
Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0 |