Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIA537EDJ Datasheet (PDF) - Vishay Siliconix

SIA537EDJ Datasheet PDF - Vishay Siliconix
Part # SIA537EDJ
Download  SIA537EDJ Download
File Size   401.39 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET

SIA537EDJ Datasheet (PDF)

Go To PDF Page Download Datasheet
SIA537EDJ Datasheet PDF - Vishay Siliconix

Part # SIA537EDJ
Download  SIA537EDJ Click to download

File Size   401.39 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET

SIA537EDJ Datasheet (HTML) - Vishay Siliconix


SIA537EDJ Product details

• TrenchFET® power MOSFETs
• Typical ESD protection:
N-channel 2400 V, P-channel 2000 V
• 100 % Rg tested




Similar Part No. - SIA537EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIA537EDJ TFUNK-SIA537EDJ Datasheet
398Kb / 14P
N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SIA537EDJ VISHAY-SIA537EDJ Datasheet
401Kb / 14P
N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
30-Dec-13
logo
SHENZHEN DOINGTER SEMIC...
SIA537EDJ DOINGTER-SIA537EDJ Datasheet
1Mb / 7P
N-Channel and P-Channel MOSFET uses advanced trench technology To provide excellent RDS(ON)
More results


Similar Description - SIA537EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP Datasheet
74Kb / 8P
N- and P-Channel 12-V (D-S) MOSFET
16-Dec-02
SI7540DP VISHAY-SI7540DP_09 Datasheet
534Kb / 15P
N- and P-Channel 12-V (D-S) MOSFET
09-Feb-09
SIA511DJ VISHAY-SIA511DJ Datasheet
321Kb / 6P
N- and P-Channel 12-V (D-S) MOSFET
19-Nov-07
SMMA511DJ VISHAY-SMMA511DJ Datasheet
264Kb / 14P
N- and P-Channel 12 V (D-S) MOSFET
05-Oct-09
SI7540DP VISHAY-SI7540DP_15 Datasheet
361Kb / 16P
N- and P-Channel 12-V (D-S) MOSFET
09-Feb-09
logo
Vishay Telefunken
SI7540DP TFUNK-SI7540DP Datasheet
365Kb / 15P
N- and P-Channel 12-V (D-S) MOSFET
SIA537EDJ TFUNK-SIA537EDJ Datasheet
398Kb / 14P
N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SIA527DJ VISHAY-SIA527DJ Datasheet
333Kb / 14P
N- and P-Channel 12-V (D-S) MOSFET
29-Jul-13
SIA537EDJ VISHAY-SIA537EDJ Datasheet
401Kb / 14P
N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
30-Dec-13
SIA527DJ VISHAY-SIA527DJ_V01 Datasheet
343Kb / 14P
N- and P-Channel 12-V (D-S) MOSFET
29-Jul-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com