Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIA923EDJ Datasheet (PDF) - Vishay Siliconix

SIA923EDJ Datasheet PDF - Vishay Siliconix
Part # SIA923EDJ
Download  SIA923EDJ Download
File Size   835.37 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual P-Channel 20 V (D-S) MOSFET

SIA923EDJ Datasheet (PDF)

Go To PDF Page Download Datasheet
SIA923EDJ Datasheet PDF - Vishay Siliconix

Part # SIA923EDJ
Download  SIA923EDJ Click to download

File Size   835.37 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual P-Channel 20 V (D-S) MOSFET

SIA923EDJ Datasheet (HTML) - Vishay Siliconix


SIA923EDJ Product details

• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFET
• New Thermally Enhanced PowerPAK® SC-70
Package
- Small Footprint Area
- Low On-Resistance
• Typical ESD Protection: 2500 V
• 100 % Rg Tested
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - SIA923EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
Dual P-Channel 20 V (D-S) MOSFET
19-Jul-10
More results


Similar Description - SIA923EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
47Kb / 4P
Dual P-Channel 20-V (D-S) MOSFET
18-Mar-02
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
Dual P-Channel 20-V (D-S) MOSFET
13-Jun-05
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
Dual P-Channel 20-V (D-S) MOSFET
29-Mar-04
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
Dual P-Channel 20-V (D-S) MOSFET
02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
Dual P-Channel 20 V (D-S) MOSFET
19-Jul-10
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
Dual P-Channel 20-V (D-S) MOSFET
14-May-07
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
Dual P-Channel 20-V (D-S) MOSFET
04-Aug-08
SI6981DQ VISHAY-SI6981DQ_16 Datasheet
107Kb / 6P
Dual P-Channel 20-V (D-S) MOSFET
02-Jun-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
Dual P-Channel 20-V (D-S) MOSFET
09-Mar-09
logo
VBsemi Electronics Co.,...
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
Dual P-Channel 20 V (D-S) MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com