Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1182185 Datasheet (PDF) - PHOENIX CONTACT

1182185 Datasheet PDF - PHOENIX CONTACT
Part # 1182185
Download  1182185 Download
File Size   347.03 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description I/O module - AXL SE INC1 ASYM

1182185 Datasheet (PDF)

Go To PDF Page Download Datasheet
1182185 Datasheet PDF - PHOENIX CONTACT

Part # 1182185
Download  1182185 Click to download

File Size   347.03 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description I/O module - AXL SE INC1 ASYM

1182185 Datasheet (HTML) - PHOENIX CONTACT


1182185 Product details

Product Description
You can integrate Axioline Smart Elements into systems with the Smart Element interface.
This Smart Element detects the positions of incremental encoders.

Your advantages
Acquisition of digital signals from asymmetrical incremental encoders (A, B, Z)
Acquisition of pulses of up to 300 kHz
Evaluating linear or rotary axes
Power supply for 5 V or 24 V encoder
1 input can be used for referencing
Latch function for quick buffering of positions
32-bit register to output the measured increments
Device rating plate stored




Similar Part No. - 1182185

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
11821.0-00 STEGO-11821.0-00 Datasheet
332Kb / 1P
OUTDOOR FILTER FAN
28.04.2016
logo
PHOENIX CONTACT
1182117 PHOENIX-1182117 Datasheet
263Kb / 7P
CASE PTFIX L-BOXX MINI DE - System package
logo
KNIPEX
1182130 KNIPEX-1182130 Datasheet
133Kb / 2P
Electronics Wire Stripping Shears
05.07.2021
logo
PHOENIX CONTACT
1182190 PHOENIX-1182190 Datasheet
412Kb / 8P
I/O module - AXL SE RTD4 PT1000
12/24/2021
More results


Similar Description - 1182185

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1088062 PHOENIX-1088062 Datasheet
343Kb / 10P
I/O module - AXL SE AI4 I 4-20
12/24/2021
1088104 PHOENIX-1088104 Datasheet
343Kb / 10P
I/O module - AXL SE AI4 U 0-10
12/24/2021
1088123 PHOENIX-1088123 Datasheet
355Kb / 10P
I/O module - AXL SE AO4 I 4-20
12/24/2021
1088127 PHOENIX-1088127 Datasheet
404Kb / 11P
I/O module - AXL SE DI16/1
12/24/2021
1105559 PHOENIX-1105559 Datasheet
389Kb / 10P
I/O module - AXL SE DI16/1 NPN
12/24/2021
1105560 PHOENIX-1105560 Datasheet
402Kb / 12P
I/O module - AXL SE DO16/1 NPN
12/24/2021
1105562 PHOENIX-1105562 Datasheet
1Mb / 9P
I/O module - AXL SE DOR2 W 230
12/24/2021
1181790 PHOENIX-1181790 Datasheet
440Kb / 8P
I/O module - AXL SE DO4/2 2A EF
12/24/2021
1182190 PHOENIX-1182190 Datasheet
412Kb / 8P
I/O module - AXL SE RTD4 PT1000
12/24/2021
1088130 PHOENIX-1088130 Datasheet
410Kb / 16P
Special function module - AXL SE INC1 SYM
Dec 9, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com