Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2939014 Datasheet (PDF) - PHOENIX CONTACT

2939014 Datasheet PDF - PHOENIX CONTACT
Part # 2939014
Download  2939014 Download
File Size   53.6 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Fuse - CM-SI-1AF

2939014 Datasheet (PDF)

Go To PDF Page Download Datasheet
2939014 Datasheet PDF - PHOENIX CONTACT

Part # 2939014
Download  2939014 Click to download

File Size   53.6 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Fuse - CM-SI-1AF

2939014 Datasheet (HTML) - PHOENIX CONTACT


2939014 Product details

Output fuse (5x20 mm) acc. to IEC 127-2/EN 60127-2, 1 A fast blow




Similar Part No. - 2939014

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
29390160348 HARTING-29390160348 Datasheet
504Kb / 2P
Han 16HP HBM with center screws
29390160448 HARTING-29390160448 Datasheet
604Kb / 2P
Han 16HP HTE M40 with center screws
29390160548 HARTING-29390160548 Datasheet
623Kb / 2P
Han 16HP HSE M40 with center screws
2021-10-01
More results


Similar Description - 2939014

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900997 PHOENIX-2900997 Datasheet
46Kb / 2P
Fuse set - VF-SI/TR5/0,4AT
2901003 PHOENIX-2901003 Datasheet
46Kb / 2P
Fuse set - VF-SI/TR5/1AF
2901007 PHOENIX-2901007 Datasheet
46Kb / 2P
Fuse set - VF-SI/TR5/0,2AT
2901008 PHOENIX-2901008 Datasheet
46Kb / 2P
Fuse set - VF-SI/TR5/0,1AT
3118096 PHOENIX-3118096 Datasheet
163Kb / 13P
Fuse modular terminal block - UK-SI BU
5022106 PHOENIX-5022106 Datasheet
131Kb / 13P
Fuse modular terminal block - USIG MIT ST-SI
0913566 PHOENIX-0913566 Datasheet
57Kb / 3P
Fuse holder - SI-H 40MM
09/11/2020
2726104 PHOENIX-2726104 Datasheet
55Kb / 3P
Fuse - SI 5X20 6,3 A T DIN 41662
09/12/2020
2901005 PHOENIX-2901005 Datasheet
58Kb / 3P
Fuse set - VF-SI/TR5/1AT
09/12/2020
0913676 PHOENIX-0913676 Datasheet
57Kb / 3P
Fuse - SI FORM C 15 A DIN 72581
12/24/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com