Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2967659 Datasheet (PDF) - PHOENIX CONTACT

2967659 Datasheet PDF - PHOENIX CONTACT
Part # 2967659
Download  2967659 Download
File Size   431.49 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Relay Module - PLC-RSC- 60DC/21HC

2967659 Datasheet (PDF)

Go To PDF Page Download Datasheet
2967659 Datasheet PDF - PHOENIX CONTACT

Part # 2967659
Download  2967659 Click to download

File Size   431.49 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Relay Module - PLC-RSC- 60DC/21HC

2967659 Datasheet (HTML) - PHOENIX CONTACT


2967659 Product details

PLC-INTERFACE, consisting of PLC-BSC.../21 HC basic terminal block with screw connection and plug-in miniature relay for high continuous current, for mounting on DIN rail NS 35/7,5, limiting continuous current up to 10 A, 1 changeover contact, input voltage 60 V DC

Your advantages
Efficient connection to system cabling using V8 adapter
Long electrical service life thanks to 16 A relay
All common input voltages of 12 V DC to 230 V AC
Safe isolation according to DIN EN 50178 between coil and contact
Max. continuous current of 10 A
Functional plug-in bridges




Similar Part No. - 2967659

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2967604 PHOENIX-2967604 Datasheet
110Kb / 7P
Relay Module - PLC-RSC- 24DC/ 1IC/ACT
2967617 PHOENIX-2967617 Datasheet
100Kb / 6P
Relay Module - PLC-RSC- 12DC/21HC
2967620 PHOENIX-2967620 Datasheet
106Kb / 6P
Relay Module - PLC-RSC- 24DC/21HC
2967633 PHOENIX-2967633 Datasheet
106Kb / 6P
Relay Module - PLC-RSC- 24UC/21HC
2967646 PHOENIX-2967646 Datasheet
434Kb / 17P
Relay Module - PLC-RSC- 48DC/21HC
10/27/2021
More results


Similar Description - 2967659

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900295 PHOENIX-2900295 Datasheet
102Kb / 6P
Relay Module - PLC-RPT- 60DC/21HC
2967617 PHOENIX-2967617 Datasheet
100Kb / 6P
Relay Module - PLC-RSC- 12DC/21HC
2967620 PHOENIX-2967620 Datasheet
106Kb / 6P
Relay Module - PLC-RSC- 24DC/21HC
2967633 PHOENIX-2967633 Datasheet
106Kb / 6P
Relay Module - PLC-RSC- 24UC/21HC
2967662 PHOENIX-2967662 Datasheet
106Kb / 6P
Relay Module - PLC-RSC-120UC/21HC
2967675 PHOENIX-2967675 Datasheet
106Kb / 6P
Relay Module - PLC-RSC-230UC/21HC
2966139 PHOENIX-2966139 Datasheet
441Kb / 15P
Relay Module - PLC-RSC- 60DC/21
10/27/2021
2966142 PHOENIX-2966142 Datasheet
425Kb / 16P
Relay Module - PLC-RSC- 60DC/21AU
10/27/2021
2909520 PHOENIX-2909520 Datasheet
441Kb / 16P
Relay Module - PLC-RSC-120UC/21HC/EX
10/27/2021
2967646 PHOENIX-2967646 Datasheet
434Kb / 17P
Relay Module - PLC-RSC- 48DC/21HC
10/27/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com